Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX7534JN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX7534JN
Description  Microprocessor-Compatible, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7534JN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7534JN Datasheet HTML 1Page - Maxim Integrated Products MX7534JN Datasheet HTML 2Page - Maxim Integrated Products MX7534JN Datasheet HTML 3Page - Maxim Integrated Products MX7534JN Datasheet HTML 4Page - Maxim Integrated Products MX7534JN Datasheet HTML 5Page - Maxim Integrated Products MX7534JN Datasheet HTML 6Page - Maxim Integrated Products MX7534JN Datasheet HTML 7Page - Maxim Integrated Products MX7534JN Datasheet HTML 8Page - Maxim Integrated Products MX7534JN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Microprocessor-Compatible,
14-Bit DACs
_______________________________________________________________________________________
3
mV
-200
-500
VSS
Negative Supply-Voltage Range
V
11.4
15.75
VDD
Positive Supply-Voltage Range
mA
3
4
IDD
Positive Supply Current
µA
500
ISS
Negative Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
For specific performance
For specific performance
MX7534
MX7535
Digital inputs at 0V or VDD
CONDITIONS
Digital inputs at
VINH or VINL
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +11.4V to +15.75V (Note 1), VREF = 10V, VIOUT = VAGNDS = VSS = 0V, TA = TMIN to TMAX, unless otherwise noted.)
mVp-p
3
nV-sec
50
µs
0.8
1.5
Output Current Setting Time
Digital-to-Analog Glitch Impulse
nV/Hz
15
Output Noise Voltage Density
(10Hz–100kHz)
130
COUT
Output Capacitance (IOUT Pin)
5
Multiplying Feedthrough Error
(Note 5)
%/%
±0.01
±0.02
Power-Supply Rejection
pF
260
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
Measured with VREF = 0V,
IOUT loads = 100
II 13pF, DAC register
alternately loaded with all 1s and all 0s
TA = +25°C, to 0.003% of full-scale range,
IOUT load = 100
II 13pF, DAC register
alternately loaded with all 1s and all 0s
Measured between RFB and IOUT
DAC register loaded with all 0s
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
DAC register loaded with all 1s
CONDITIONS
VREF = ±10V, 10kHz
sine wave, DAC register
loaded with all 0s
∆VDD = ±5%
Note 1: Specifications are guaranteed for VDD of +11.4V to +15.75V. At VDD = +5V, device is still functional with degraded specifications.
Note 2: Guaranteed by design, not tested.
Note 3: Resistors have a typical -300ppm/°C tempco.
AC PERFORMANCE CHARACTERISTICS (Note 4)
(VDD = +11.4V to +15.75V, VREF = 10V, VIOUT = VAGND (VAGNDS for MX7535) = VSS = 0V, output amplifier is AD544*,
TA = TMIN to TMAX, unless otherwise noted.)
Note 4: These characteristics are included for design guidance only, and are not subject to test.
Note 5: Feedthrough can be further reduced by connecting the metal lid on the ceramic package to DGND.
* AD544 is an Analog Devices part.
POWER REQUIREMENTS


Similar Part No. - MX7534JN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530J/D MAXIM-MX7530J/D Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JCWE MAXIM-MX7530JCWE Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
MX7530JD MAXIM-MX7530JD Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
More results

Similar Description - MX7534JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7538 AD-AD7538_15 Datasheet
306Kb / 16P
   Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
   14-Bit Multiplying DACs
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
   14-Bit Multiplying DACs
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
Analog Devices
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
   LC2MOS Quad 14-Bit DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com