Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1200 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1200
Description  CC1200 Low-Power, High-Performance RF Transceiver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1200_15 Datasheet HTML 2Page - Texas Instruments CC1200_15 Datasheet HTML 3Page - Texas Instruments CC1200_15 Datasheet HTML 4Page - Texas Instruments CC1200_15 Datasheet HTML 5Page - Texas Instruments CC1200_15 Datasheet HTML 6Page - Texas Instruments CC1200_15 Datasheet HTML 7Page - Texas Instruments CC1200_15 Datasheet HTML 8Page - Texas Instruments CC1200_15 Datasheet HTML 9Page - Texas Instruments CC1200_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
CC1200
SWRS123D – JULY 2013 – REVISED OCTOBER 2014
www.ti.com
3.2
Pin Configuration
The following table lists the pin-out configuration for the CC1200 device.
PIN NO.
PIN NAME
TYPE / DIRECTION
DESCRIPTION
1
VDD_GUARD
Power
2.0–3.6 V VDD
2
RESET_N
Digital input
Asynchronous, active-low digital reset
3
GPIO3
Digital I/O
General-purpose I/O
4
GPIO2
Digital I/O
General-purpose I/O
5
DVDD
Power
2.0–3.6 VDD to internal digital regulator
6
DCPL
Power
Digital regulator output to external decoupling capacitor
7
SI
Digital input
Serial data in
8
SCLK
Digital input
Serial data clock
9
SO(GPIO1)
Digital I/O
Serial data out (general-purpose I/O)
10
GPIO0
Digital I/O
General-purpose I/O
11
CSn
Digital input
Active-low chip select
12
DVDD
Power
2.0–3.6 V VDD
13
AVDD_IF
Power
2.0–3.6 V VDD
14
RBIAS
Analog
External high-precision resistor
15
AVDD_RF
Power
2.0–3.6 V VDD
16
N.C.
Not connected
17
PA
Analog
Single-ended TX output (requires DC path to VDD)
TX and RX switch. Connected internally to GND in TX and floating (high-
18
TRX_SW
Analog
impedance) in RX.
19
LNA_P
Analog
Differential RX input (requires DC path to ground)
20
LNA_N
Analog
Differential RX input (requires DC path to ground)
21
DCPL_VCO
Power
Pin for external decoupling of VCO supply regulator
22
AVDD_SYNTH1
Power
2.0–3.6 V VDD
23
LPF0
Analog
External loop filter components
24
LPF1
Analog
External loop filter components
25
AVDD_PFD_CHP
Power
2.0–3.6 V VDD
26
DCPL_PFD_CHP
Power
Pin for external decoupling of PFD and CHP regulator
27
AVDD_SYNTH2
Power
2.0–3.6 V VDD
28
AVDD_XOSC
Power
2.0–3.6 V VDD
29
DCPL_XOSC
Power
Pin for external decoupling of XOSC supply regulator
Crystal oscillator pin 1 (must be grounded if a TCXO or other external clock
30
XOSC_Q1
Analog
connected to EXT_XOSC is used)
Crystal oscillator pin 2 (must be left floating if a TCXO or other external clock
31
XOSC_Q2
Analog
connected to EXT_XOSC is used)
Pin for external clock input (must be grounded if a regular crystal connected
32
EXT_XOSC
Digital input
to XOSC_Q1 and XOSC_Q2 is used)
GND
Ground pad
The ground pad must be connected to a solid ground plane.
6
Terminal Configuration and Functions
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1200


Similar Part No. - CC1200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1200RHBR TI1-CC1200RHBR Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1200RHBT TI1-CC1200RHBT Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
More results

Similar Description - CC1200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1121 TI-CC1121_15 Datasheet
1Mb / 36P
[Old version datasheet]   CC1121 High-Performance Low-Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC400 TI-CC400_V03 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC1125 TI1-CC1125_16 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-High Performance RF Narrowband Transceiver
CC400 TI-CC400_V02 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com