Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1121 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1121
Description  CC1121 High-Performance Low-Power RF Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1121 Datasheet(HTML) 2 Page - Texas Instruments

  CC1121_15 Datasheet HTML 1Page - Texas Instruments CC1121_15 Datasheet HTML 2Page - Texas Instruments CC1121_15 Datasheet HTML 3Page - Texas Instruments CC1121_15 Datasheet HTML 4Page - Texas Instruments CC1121_15 Datasheet HTML 5Page - Texas Instruments CC1121_15 Datasheet HTML 6Page - Texas Instruments CC1121_15 Datasheet HTML 7Page - Texas Instruments CC1121_15 Datasheet HTML 8Page - Texas Instruments CC1121_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
CC112X
MARC
Main Radio Control Unit
Ultra low power 16 bit
MCU
256 byte
FIFO RAM
buffer
4k byte
ROM
RF and DSP frontend
Packet handler
and FIFO control
Configuration and
status registers
eWOR
Enhanced ultra low power
Wake On Radio timer
SPI
Serial configuration
and data interface
Interrupt and
IO handler
System bus
PA
LNA_P
LNA_N
90dB dynamic
range ADC
90dB dynamic
range ADC
High linearity
LNA
14dBm high
efficiency PA
XOSC
AGC
Automatic Gain Control, 60dB VGA range
RSSI measurements and carrier sense detection
Highly flexible FSK / OOK
demodulator
(optional bit clock)
(optional low jitter serial
data output for legacy
protocols)
Data interface with
signal chain access
XOSC_Q1
XOSC_Q2
Ultra low power 32kHz
auto-calibrated RC oscillator
(optional 32kHz
clock intput)
CSn (chip select)
SI (serial input)
SO (serial output)
SCLK (serial clock)
(optional GPIO0-3)
Fully integrated Fractional-N
Frequency Synthesizer
Output power ramping and OOK / ASK modulation
ifamp
ifamp
(optional autodetected
external XOSC / TCXO)
(optional GPIO for
antenna diversity)
I
Q
Battery sensor /
temp sensor
Power on reset
CC1121
SWRS111F – JUNE 2011 – REVISED OCTOBER 2014
www.ti.com
1.3
Description
The CC1121 device is a fully integrated single-chip radio transceiver designed for high performance at
very low-power and low-voltage operation in cost-effective wireless systems. All filters are integrated, thus
removing the need for costly external SAW and IF filters. The device is mainly intended for the ISM
(Industrial, Scientific, and Medical) and SRD (Short Range Device) frequency bands at 274–320 MHz,
410–480 MHz, and 820–960 MHz.
The CC1121 device provides extensive hardware support for packet handling, data buffering, burst
transmissions, clear channel assessment, link quality indication, and Wake-On-Radio. The main operating
parameters of the CC1121 device can be controlled through an SPI interface. In a typical system, the
CC1121 device will be used with a microcontroller and only a few external passive components.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC1121RHB
VQFN (32)
5.00 mm x 5.00 mm
(1)
For more information, see Section 8, Mechanical Packaging and Orderable Information
1.4
Functional Diagram
Figure 1-1 shows the system block diagram of the CC1121 device.
Figure 1-1. Functional Block Diagram
2
Device Overview
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1121


Similar Part No. - CC1121_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121RHBR TI1-CC1121RHBR Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHMR TI1-CC1121RHMR Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHMR TI1-CC1121RHMR Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHMT TI1-CC1121RHMT Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
More results

Similar Description - CC1121_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1200 TI-CC1200_15 Datasheet
1Mb / 35P
[Old version datasheet]   CC1200 Low-Power, High-Performance RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC400 TI-CC400_V03 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC1125 TI1-CC1125_16 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-High Performance RF Narrowband Transceiver
CC400 TI-CC400_V02 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com