Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6347XR39-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6347XR39-T
Description  3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6347XR39-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6347XR39-T Datasheet HTML 1Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 2Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 3Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 4Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 5Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 6Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 7Page - Maxim Integrated Products MAX6347XR39-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-Pin, Ultra-Low-Power SC70/SOT
µP Reset Circuits
_______________________________________________________________________________________
5
Table 1. Factory-Trimmed Reset Thresholds(continued)
Factory-trimmed reset thresholds are available in approximately 100mV increments with a 1.5% room-temperature variance.
Table 2. Device Marking Codes and Minimum Order Increments
2.5
EHAA
MAX6326_R22-T
10
2.5
EXAA
MAX6326_R24-T
EWAA
MAX6326_R23-T
10
EYAA
MAX6326_R25-T
2.5
10
2.5
FAAA
MAX6326_R27-T
EZAA
MAX6326_R26-T
10
FCAA
MAX6326_R29-T
FBAA
MAX6326_R28-T
10
2.5
10
FDAA
MAX6326_R31-T
FEAA
MAX6326_R30-T
10
10
FZAW
MAX6346_R34-T
FZAV
MAX6346_R33-T
10
10
FZAY
MAX6346_R36-T
FZAX
MAX6346_R35-T
10
FZBA
MAX6346_R38-T
FZAZ
MAX6346_R37-T
10
10
10
FZBC
MAX6346_R40-T
FZBB
MAX6346_R39-T
10
FZBE
MAX6346_R42-T
FZBD
MAX6346_R41-T
2.5
10
FZBG
MAX6346_R44-T
FZBF
MAX6346_R43-T
10
FZBH
MAX6346_R45-T
ORDER
INCREMENT
(k)
PART
2.5
FZBI
MAX6346_R46-T
2.5
2.5
FFAA
MAX6327_R23-T
EIAA
MAX6327_R22-T
10
10
FHAA
MAX6327_R25-T
FGAA
MAX6327_R24-T
2.5
FIAA
MAX6327_R26-T
10
10
10
FKAA
MAX6327_R28-T
FJAA
MAX6327_R27-T
2.5
FNAA
MAX6327_R30-T
FLAA
MAX6327_R29-T
10
10
ORDER
INCREMENT
(k)
2.5
FZBJ
MAX6347_R33-T
PART
FMAA
MAX6327_R31-T
10
10
FZBL
MAX6347_R35-T
FZBK
MAX6347_R34-T
10
10
FZBN
MAX6347_R37-T
FZBM
MAX6347_R36-T
10
FZBP
MAX6347_R39-T
FZBO
MAX6347_R38-T
10
10
10
FZBR
MAX6347_R41-T
FZBQ
MAX6347_R40-T
10
FZBT
MAX6347_R43-T
FZBS
MAX6347_R42-T
10
2.5
FZBV
MAX6347_R45-T
FZBU
MAX6347_R44-T
2.5
FZBW
MAX6347_R46-T
AAH
ACH
ACI
ACP
ACE
ACK
TOP MARK
ACO
SOT23
SC70
ACQ
AAI
ACR
ACS
TOP MARK
ACT
ACL
ACF
SOT23
SC70
SUFFIX
39
3.841
3.802
3.958
RESET THRESHOLD VOLTAGE, VTH (V)
3.997
MIN
MAX
MAX
TYP
MIN
40
3.940
3.900
3.900
4.060
4.100
4.000
41
4.038
3.997
4.161
4.202
42
4.137
4.100
4.095
4.263
4.305
4.200
43
4.235
4.192
4.364
4.407
44
4.314
4.300
4.270
4.446
TA = +25°C
TA = -40°C to +85°C
4.489
4.380
45
4.432
4.387
4.567
4.612
46
4.560
4.500
4.514
4.699
4.746
4.630
PART
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R
MAX634_ _R


Similar Part No. - MAX6347XR39-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6347 MAXIM-MAX6347 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
NXP Semiconductors
MAX6347 PHILIPS-MAX6347 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-44D PHILIPS-MAX6347-44D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-44W PHILIPS-MAX6347-44W Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-46D PHILIPS-MAX6347-46D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
More results

Similar Description - MAX6347XR39-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com