Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3396-QDG Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3396-QDG
Description  27-33.5GHz Medium Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3396-QDG Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3396-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3396-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CHA3396-QDG
Ref. : DSCHA3396-QDG5260 -17 Sep 15
1/16
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
27-33.5GHz Medium Power Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The CHA3396-QDG is a 3 stage monolithic
medium power amplifier, which produces
22dB gain for 19dBm output power.
It
is
designed
for
a
wide
range
of
applications, from military to commercial
communication systems.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is supplied in RoHS compliant SMD
package.
Main Features
Output Power & PAE versus Frequency
■ Broadband performances: 27-33.5GHz
■ 19dBm Pout at 1dB compression
■ 22dB gain
■ 30dBm OTOI
■ DC bias: Vd= 4.0V, Id= 155mA
■ 24L-QFN4x4 (QDG)
■ MSL1
Main Electrical Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
27.0
33.5
GHz
Gain
Linear Gain
22
dB
P-1dB
Output Power @1dB comp.
19
dBm
OTOI
3
rd order Intercept point
30
dBm
10
12
14
16
18
20
22
24
26
28
30
23
24
25
26
27
28
29
30
31
32
33
34
Frequency (GHz)
Psat
P-1dB
PAE sat
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3667A
YYWWG
UMS
A3667A
YYWWG
UMS
A3688A
YYWWG
UMS
A3396
YYWW


Similar Part No. - CHA3396-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3395-QDG UMS-CHA3395-QDG Datasheet
726Kb / 16P
   21-29.5GHz Medium Power Amplifier
CHA3395-QDG UMS-CHA3395-QDG_15 Datasheet
726Kb / 16P
   21-29.5GHz Medium Power Amplifier
CHA3397-QDG UMS-CHA3397-QDG Datasheet
498Kb / 16P
   36-40.5GHz Medium Power Amplifier
More results

Similar Description - CHA3396-QDG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G TRIQUINT-TGA1073G Datasheet
586Kb / 6P
   19 - 27 GHz Medium Power Amplifier
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA5296 UMS-CHA5296 Datasheet
180Kb / 6P
   27-30GHz High Power Amplifier
CHA5296 UMS-CHA5296_07 Datasheet
234Kb / 6P
   27-30GHz High Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com