Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX636JH Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MX636JH
Description  True RMS-to-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX636JH Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX636JH Datasheet HTML 4Page - Maxim Integrated Products MX636JH Datasheet HTML 5Page - Maxim Integrated Products MX636JH Datasheet HTML 6Page - Maxim Integrated Products MX636JH Datasheet HTML 7Page - Maxim Integrated Products MX636JH Datasheet HTML 8Page - Maxim Integrated Products MX636JH Datasheet HTML 9Page - Maxim Integrated Products MX636JH Datasheet HTML 10Page - Maxim Integrated Products MX636JH Datasheet HTML 11Page - Maxim Integrated Products MX636JH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ly proportional to the value of CAV. Waveforms with high
crest factors, such as a pulse train with low duty cycle,
should have an average time constant chosen to be at
least ten times the signal period.
Using a large value of CAV to remove the output ripple
increases the settling time for a step change in the input
signal level. Figure 3 shows the relationship between
CAV and settling time, where 115ms settling equals 1µF
of CAV. The settling time, or time for the RMS converter to
settle to within a given percent of the change in RMS
level, is set by the averaging time constant, which varies
approximately 2:1 between increasing and decreasing
input signals. For example, increasing input signals
require 2.3 time constants to settle to within 1%, and 4.6
time constants for decreasing signals levels.
In addition, the settling time also varies with input signal
levels, increasing as the input signal is reduced, and
decreasing as the input is increased as shown in
Figures 6a and 6b.
Using Post Filters
A post filter allows a smaller value of CAV, and reduces
ripple and improves the overall settling time. The value
of CAV should be just large enough to give the maxi-
mum DC error at the lowest frequency of interest. The
post filter is used to remove excess output ripple.
Figures 7, 8, and 9 give recommended filter connec-
tions and values for both the MX536A and MX636.
Table 1 lists the number of time constants required for
the RMS section to settle to within different percentages
of the final value for a step change in the input signal.
Decibel Output (dB)
The dB output of the MX536A/MX636 originates in the
squarer/divider section and works well over a 60dB
range. The connection for dB measurements is shown
in Figure 10. The dB output has a temperature drift of
0.03dB/°C, and in some applications may need to be
compensated. Figure 10 shows a compensation
scheme. The amplifier can be used to scale the output
for a particular application. The values used in Figure
10 give an output of +100mV/dB.
True RMS-to-DC Converters
_______________________________________________________________________________________
9
10
0
1
2.5
1m
100m
10
1
5
7.5
RMS INPUT LEVEL (V)
10m
MX536A
Figure 6a. MX536A Settling Time vs. Input Level
10
0
1
2.5
1m
100m
1
5
7.5
RMS INPUT LEVEL (V)
10m
MX636
Figure 6b. MX636 Settling Time vs. Input Level
Settling Time
to Within
Stated % of
New RMS
Level
1%
0.1%
0.01%
4.6
τ/4.6τ
6.9
τ/6.9τ
9.2
τ/9.2τ
Table 1. Number of RC Time Constants
(
τ) Required for MX536A/MX636 RMS
Converters to Settle to Within Stated % of
Final Value
FOR
DECREASING
AMPLITUDES
Basic Formulas
PARAMETERS
Note:
(
τ) Settling Times for Linear RC Filter
4.6
τ/2.0τ
6.9
τ/3.1τ
9.2
τ/4.2τ
FOR
INCREASING
AMPLITUDES
∆V 1 - e-T/RC
∆V
e-T/RC


Similar Part No. - MX636JH

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
MX631DW CMLMICRO-MX631DW Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
MX631P CMLMICRO-MX631P Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
MX633P MICROSEMI-MX633P Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
More results

Similar Description - MX636JH

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com