Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMDXB600UNE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMDXB600UNE
Description  20 V, dual N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDXB600UNE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMDXB600UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 9Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 10Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 11Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 12Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 13Page - NXP Semiconductors PMDXB600UNE_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NXP Semiconductors
PMDXB600UNE
20 V, dual N-channel Trench MOSFET
PMDXB600UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
1 July 2015
10 / 15
12. Package outline
5
3
2
13-03-05
Dimensions in mm
0.34
0.40
0.04
max
0.95
1.05
0.22
0.30
0.125
0.205
1.05
1.15
0.275 0.275
0.32
0.40
0.35
0.35
1
6
4
0.15
0.23
Fig. 19. Package outline DFN1010B-6 (SOT1216)


Similar Part No. - PMDXB600UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
   20 V, dual N-channel Trench MOSFET
More results

Similar Description - PMDXB600UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
   20 V, dual N-channel Trench MOSFET
PMDPB38UNE NEXPERIA-PMDPB38UNE Datasheet
335Kb / 14P
   20 V dual N-channel Trench MOSFET
logo
NXP Semiconductors
PMDPB30XN PHILIPS-PMDPB30XN_15 Datasheet
229Kb / 13P
   20 V, dual N-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMDXB290UNE NEXPERIA-PMDXB290UNE Datasheet
303Kb / 14P
   20 V, dual N-channel Trench MOSFET
19 January 2023
PMDPB42UN NEXPERIA-PMDPB42UN Datasheet
1Mb / 16P
   20 V, dual N-channel Trench MOSFET
PMDXB600UNE NEXPERIA-PMDXB600UNE Datasheet
734Kb / 15P
   20 V, dual N-channel Trench MOSFET
1 July 2015
logo
NXP Semiconductors
PMDXB600UNE NXP-PMDXB600UNE Datasheet
258Kb / 15P
   20 V, dual N-channel Trench MOSFET
16 September 2013
logo
Nexperia B.V. All right...
PMGD130UN NEXPERIA-PMGD130UN Datasheet
1Mb / 16P
   20 V, dual N-channel Trench MOSFET
PMDPB30XN NEXPERIA-PMDPB30XN Datasheet
729Kb / 13P
   20 V, dual N-channel Trench MOSFET
PMDXB600UNEL NEXPERIA-PMDXB600UNEL Datasheet
741Kb / 16P
   20 V, dual N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com