Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM12864D Datasheet(PDF) 3 Page - HB Electronic Components

Part # ATM12864D
Description  Liquid Crystal Display Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

ATM12864D Datasheet(HTML) 3 Page - HB Electronic Components

  ATM12864D Datasheet HTML 1Page - HB Electronic Components ATM12864D Datasheet HTML 2Page - HB Electronic Components ATM12864D Datasheet HTML 3Page - HB Electronic Components ATM12864D Datasheet HTML 4Page - HB Electronic Components ATM12864D Datasheet HTML 5Page - HB Electronic Components ATM12864D Datasheet HTML 6Page - HB Electronic Components ATM12864D Datasheet HTML 7Page - HB Electronic Components ATM12864D Datasheet HTML 8Page - HB Electronic Components ATM12864D Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
64CH Common Driver For Dot Matrix LCD
2
CHAPTER 1
Introduction to ATM12864D LCM
VT12864D is a dot matrix graphic LCD module which is fabricated by low power COMS
technology. It can display 128*64 dots size LCD panel using a 128*64 bit-mapped Display
Data RAM (DDRAM). It interfaces with an 8-bit microprocessor.
Features
l
Display format: 128*64 dots matrix graphic
l
STN yellow-green mode
l
Easy interface with 8-bit MPU
l
Low power consumption
l
LED back-light
l
Viewing angle: 6 O’
clock
l
Driving method : 1/64 duty , 1/9 bias
l
LCD driver IC: KS0108B(2 个)、KS0107B
l
Connector: Zebra
Mechanical Specifications
ITEM
DIMENSION
UNIT
Module Size(W*H*T)
93.0*70.0*10.0
mm
Viewing Area(W*H)
72.0*40.0
mm
Number of Dots
128.0*64.0
PCS
Dot Size(W*H)
0.48*0.48
mm
Dot Pitch(W*H)
0.52*0.52
mm
Module Size With B/L
93.0*70.0*15.0
mm
Temperature Characteristics
PARAMETER
SYMBOL
RATING
UNIT
Operating temperature
Topr
-25~+65
Storage temperature
Tstg
-30~+70


Similar Part No. - ATM12864D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATM128 ATMEL-ATM128 Datasheet
360Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
More results

Similar Description - ATM12864D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GDM12864A ETC-GDM12864A Datasheet
198Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G191D SII-G191D Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
G482C SII-G482C Datasheet
1Mb / 22P
   LIQUID CRYSTAL DISPLAY MODULE?
logo
Newhaven Display Intern...
NHD-0416B1Z-FSPG-YBW-L3V NEWHAVEN-NHD-0416B1Z-FSPG-YBW-L3V Datasheet
857Kb / 21P
   Liquid Crystal Display Module
logo
HB Electronic Component...
ATM1602B HB-ATM1602B Datasheet
296Kb / 11P
   Liquid Crystal Display Module
ATM4004A HB-ATM4004A Datasheet
379Kb / 11P
   Liquid Crystal Display Module
logo
Newhaven Display Intern...
NHD-0140AZ-FL-YBW NEWHAVEN-NHD-0140AZ-FL-YBW Datasheet
707Kb / 10P
   Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-FT1 NEWHAVEN-NHD-2.4-240320SF-CTXI-FT1 Datasheet
839Kb / 11P
   Liquid Crystal Display Module
NHD-3.5-320240YF-ATXL NEWHAVEN-NHD-3.5-320240YF-ATXL Datasheet
790Kb / 9P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G321EV SII-G321EV Datasheet
1Mb / 33P
   LIQUID CRYSTAL DISPLAY MODULE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com