Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3024-99F Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA3024-99F
Description  2-22GHz LNA with AGC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3024-99F Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA3024-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 9Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 10Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 11Page - United Monolithic Semiconductors CHA3024-99F Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CHA3024-99F
2-22GHz LNA with AGC
Ref. : DSCHA30244242 - 29 Aug 14
8/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Mechanical Data: outline drawing
Chip size: 3040 µm x 1730 µm
Chip width and length are given with a tolerance of +/- 35µm.
Chip thickness is 100µm.
All pads are 100 µm x 100 µm, except IN and OUT pads that are 200 x 120 µm.


Similar Part No. - CHA3024-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3024-QGG UMS-CHA3024-QGG Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
More results

Similar Description - CHA3024-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3024-QGG UMS-CHA3024-QGG_15 Datasheet
578Kb / 16P
   2-22GHz LNA with AGC
logo
TriQuint Semiconductor
TGA2513-SM TRIQUINT-TGA2513-SM Datasheet
183Kb / 10P
   2-20 GHz LNA with AGC
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Maxim Integrated Produc...
MAX3558 MAXIM-MAX3558 Datasheet
224Kb / 8P
   Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
logo
TriQuint Semiconductor
TGA2525 TRIQUINT-TGA2525_15 Datasheet
498Kb / 12P
   2 18 GHz Low Noise Amplifier with AGC
logo
Qorvo, Inc
TGA2526 QORVO-TGA2526 Datasheet
293Kb / 14P
   2-20 GHz Low Noise Amplifier with AGC
TGA2525 QORVO-TGA2525 Datasheet
584Kb / 13P
   2-18 GHz Low Noise Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com