Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2494-98F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2494-98F
Description  34-44GHz Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2494-98F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2494-98F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2494-98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
34-44GHz Low Noise Amplifier
CHA2494-98F
Ref. : DSCHA24941144 - 24 May 11
3/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical on wafer Measurements
Tamb = +25°C, Vd = +4V, Id = 80mA
Sij parameters
-20
-15
-10
-5
0
5
10
15
20
25
20
25
30
35
40
45
50
Frequency (GHz)
S21
S11
S22
Noise figure
0
1
2
3
4
5
6
7
8
9
10
34
35
36
37
38
39
40
Frequency (GHz)


Similar Part No. - CHA2494-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2494-QEG UMS-CHA2494-QEG Datasheet
640Kb / 14P
   34-44GHz Low Noise Amplifier
CHA2494-QEG UMS-CHA2494-QEG_15 Datasheet
640Kb / 14P
   34-44GHz Low Noise Amplifier
More results

Similar Description - CHA2494-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2494-QEG UMS-CHA2494-QEG_15 Datasheet
640Kb / 14P
   34-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
   26-34 GHz Low Noise Amplifier
CMD188 MMIC-CMD188 Datasheet
222Kb / 10P
   26-34 GHz Low Noise Amplifier
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com