Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN70XPEA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMN70XPEA
Description  20 V, single P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMN70XPEA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMN70XPEA_15 Datasheet HTML 2Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 3Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 4Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 5Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 6Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 7Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 8Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 9Page - NXP Semiconductors PMN70XPEA_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NXP Semiconductors
PMN70XPEA
20 V, single P-channel Trench MOSFET
PMN70XPEA
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 June 2014
6 / 16
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = -250 µA; VGS = 0 V; Tj = 25 °C
-20
-
-
V
VGSth
gate-source threshold
voltage
ID = -250 µA; VDS = VGS; Tj = 25 °C
-0.75
-1
-1.25
V
VDS = -20 V; VGS = 0 V; Tj = 25 °C
-
-
-1
µA
IDSS
drain leakage current
VDS = -20 V; VGS = 0 V; Tamb = 150 °C
-
-
-10
µA
VGS = 12 V; VDS = 0 V; Tj = 25 °C
-
-
10
µA
IGSS
gate leakage current
VGS = -12 V; VDS = 0 V; Tj = 25 °C
-
-
-10
µA
VGS = -4.5 V; ID = -2 A; Tj = 25 °C
-
70
85
VGS = -4.5 V; ID = -2 A; Tj = 150 °C
-
98
118
RDSon
drain-source on-state
resistance
VGS = -2.5 V; ID = -1.5 A; Tj = 25 °C
-
101
129
gfs
forward
transconductance
VDS = -10 V; ID = -2 A; Tj = 25 °C
-
7
-
S
Dynamic characteristics
QG(tot)
total gate charge
-
5.2
7.8
nC
QGS
gate-source charge
-
1.1
-
nC
QGD
gate-drain charge
VDS = -10 V; ID = -2 A; VGS = -4.5 V;
Tj = 25 °C
-
1.3
-
nC
Ciss
input capacitance
-
602
-
pF
Coss
output capacitance
-
101
-
pF
Crss
reverse transfer
capacitance
VDS = -10 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
75
-
pF
td(on)
turn-on delay time
-
7
-
ns
tr
rise time
-
13
-
ns
td(off)
turn-off delay time
-
40
-
ns
tf
fall time
VDS = -10 V; ID = -2 A; VGS = -4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
17
-
ns
Source-drain diode
VSD
source-drain voltage
IS = -0.5 A; VGS = 0 V; Tj = 25 °C
-
-0.7
-1.2
V


Similar Part No. - PMN70XPEA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN70XPE NEXPERIA-PMN70XPE Datasheet
712Kb / 14P
   20 V, single P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMN70XPE VBSEMI-PMN70XPE Datasheet
449Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PMN70XPE PHILIPS-PMN70XPE_15 Datasheet
209Kb / 14P
   20 V, single P-channel Trench MOSFET
6 July 2012
More results

Similar Description - PMN70XPEA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMPB43XPE PHILIPS-PMPB43XPE_15 Datasheet
264Kb / 15P
   20 V, single P-channel Trench MOSFET
26 November 2014
PMN70XPE PHILIPS-PMN70XPE_15 Datasheet
209Kb / 14P
   20 V, single P-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMV50UPE NEXPERIA-PMV50UPE Datasheet
728Kb / 14P
   20 V, single P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com