Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN40UPEA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMN40UPEA
Description  20 V, single P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMN40UPEA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMN40UPEA_15 Datasheet HTML 7Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 8Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 9Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 10Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 11Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 12Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 13Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 14Page - NXP Semiconductors PMN40UPEA_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NXP Semiconductors
PMN40UPEA
20 V, single P-channel Trench MOSFET
PMN40UPEA
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 June 2014
11 / 16
12. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
w
B
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
1
3
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
c
D
E
HE
Lp
Q
y
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16
Fig. 18. Package outline TSOP6 (SOT457)


Similar Part No. - PMN40UPEA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN40UPE NEXPERIA-PMN40UPE Datasheet
323Kb / 15P
   20 V, single P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMN40UPE VBSEMI-PMN40UPE Datasheet
446Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
More results

Similar Description - PMN40UPEA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27XPE NEXPERIA-PMN27XPE Datasheet
323Kb / 14P
   20 V, single P-channel Trench MOSFET
PMN42XPE NEXPERIA-PMN42XPE Datasheet
710Kb / 14P
   20 V, single P-channel Trench MOSFET
PMZB350UPE NEXPERIA-PMZB350UPE Datasheet
701Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMZB670UPE NEXPERIA-PMZB670UPE Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 3 - 23 March 2012
logo
NXP Semiconductors
PMPB33XP NXP-PMPB33XP Datasheet
251Kb / 14P
   20 V, single P-channel Trench MOSFET
5 September 2012
PMN40UPE PHILIPS-PMN40UPE_15 Datasheet
206Kb / 14P
   20 V, single P-channel Trench MOSFET
13 August 2012
PMZB350UPE PHILIPS-PMZB350UPE_15 Datasheet
197Kb / 14P
   20 V, single P-channel Trench MOSFET
1 August 2012
PMN70XPEA PHILIPS-PMN70XPEA_15 Datasheet
284Kb / 16P
   20 V, single P-channel Trench MOSFET
19 June 2014
PMPB43XPE PHILIPS-PMPB43XPE_15 Datasheet
264Kb / 15P
   20 V, single P-channel Trench MOSFET
26 November 2014
PMN70XPE PHILIPS-PMN70XPE_15 Datasheet
209Kb / 14P
   20 V, single P-channel Trench MOSFET
6 July 2012
logo
Nexperia B.V. All right...
PMV50UPE NEXPERIA-PMV50UPE Datasheet
728Kb / 14P
   20 V, single P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com