Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG10030ELP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG10030ELP
Description  100 V, 3 A low leakage current Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG10030ELP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG10030ELP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 9Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 10Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 11Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 12Page - NXP Semiconductors PMEG10030ELP_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMEG10030ELP
100 V, 3 A low leakage current Schottky barrier rectifier
PMEG10030ELP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 May 2015
9 / 15
Tsp (°C)
0
200
150
50
100
aaa-017209
1.5
3.0
4.5
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tj = 175 °C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 12. Average forward current as a function of solder point temperature; typical values
11. Test information
time
IF
IR
trr
IR(meas)
006aad022
Fig. 13. Reverse recovery definition


Similar Part No. - PMEG10030ELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10030ELP-Q NEXPERIA-PMEG10030ELP-Q Datasheet
265Kb / 13P
   100 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG10030ELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10030ELP-Q NEXPERIA-PMEG10030ELP-Q Datasheet
265Kb / 13P
   100 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
PMEG10030ELP NEXPERIA-PMEG10030ELP Datasheet
265Kb / 14P
   100 V, 3 A low leakage current Schottky barrier rectifier
PMEG100T30ELP-Q NEXPERIA-PMEG100T30ELP-Q Datasheet
258Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
7 July 2021
PMEG100T030ELPE NEXPERIA-PMEG100T030ELPE Datasheet
261Kb / 13P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
3 December 2020
PMEG100T30ELR-Q NEXPERIA-PMEG100T30ELR-Q Datasheet
261Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
19 May 2021
PMEG100T030ELPE-Q NEXPERIA-PMEG100T030ELPE-Q Datasheet
261Kb / 13P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
10 May 2021
PMEG100T30ELP NEXPERIA-PMEG100T30ELP Datasheet
258Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
PMEG100T30ELR NEXPERIA-PMEG100T30ELR Datasheet
261Kb / 14P
   100 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
12 July 2021
PMEG10020AELR-Q NEXPERIA-PMEG10020AELR-Q Datasheet
265Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG10010ELR NEXPERIA-PMEG10010ELR Datasheet
241Kb / 15P
   100 V, 1 A low leakage current Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com