Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG10020AELR Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG10020AELR
Description  100 V, 2 A low leakage current Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG10020AELR Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG10020AELR_15 Datasheet HTML 1Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 2Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 3Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 4Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 5Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 6Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 7Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 8Page - NXP Semiconductors PMEG10020AELR_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
PMEG10020AELR
100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020AELR
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 May 2015
5 / 15
006aab651
tp (s)
10- 3
102
103
10
1
10- 2
10- 1
10
1
102
Zth(j-a)
(K/W)
10- 1
duty cycle =
1
0.75
0.5
0.33
0.2
0.25
0.1
0.05
0.02 0.01
0
Ceramic PCB, Al2O3, standard footprint
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMEG10020AELR_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10020AELR-Q NEXPERIA-PMEG10020AELR-Q Datasheet
265Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
More results

Similar Description - PMEG10020AELR_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10020AELR-Q NEXPERIA-PMEG10020AELR-Q Datasheet
265Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG10020ELR-Q NEXPERIA-PMEG10020ELR-Q Datasheet
266Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
16 November 2022
logo
NXP Semiconductors
PMEG10020ELR PHILIPS-PMEG10020ELR_15 Datasheet
215Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
7 May 2015
logo
Nexperia B.V. All right...
PMEG10020AELP NEXPERIA-PMEG10020AELP Datasheet
244Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020AELR NEXPERIA-PMEG10020AELR Datasheet
237Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020ELR NEXPERIA-PMEG10020ELR Datasheet
238Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020AELP-Q NEXPERIA-PMEG10020AELP-Q Datasheet
262Kb / 13P
   100 V, 2 A low leakage current Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG10020AELP PHILIPS-PMEG10020AELP_15 Datasheet
220Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
7 May 2015
logo
Nexperia B.V. All right...
PMEG100T20ELR NEXPERIA-PMEG100T20ELR Datasheet
260Kb / 14P
   100 V, 2 A low leakage current Trench MEGA Schottky barrier rectifier
12 July 2021
PMEG100T20ELP NEXPERIA-PMEG100T20ELP Datasheet
255Kb / 13P
   100 V, 2 A low leakage current Trench MEGA Schottky barrier rectifier
7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com