Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG10020AELP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG10020AELP
Description  100 V, 2 A low leakage current Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG10020AELP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG10020AELP_15 Datasheet HTML 2Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 3Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 4Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 9Page - NXP Semiconductors PMEG10020AELP_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NXP Semiconductors
PMEG10020AELP
100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020AELP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 May 2015
6 / 15
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)R
reverse breakdown
voltage
IR = 1 mA; Tj = 25 °C; tp = 300 µs;
δ = 0.02
100
-
-
V
IF = 0.1 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
470
520
mV
IF = 0.5 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
580
630
mV
IF = 0.7 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
610
670
mV
IF = 1 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
650
710
mV
IF = 1.6 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
690
750
mV
IF = 2 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
710
770
mV
VF
forward voltage
IF = 2 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 125 °C
-
575
650
mV
VR = 10 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
10
-
nA
VR = 60 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
25
-
nA
VR = 100 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
70
300
nA
IR
reverse current
VR = 100 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 125 °C
-
120
1000
µA
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
135
-
pF
VR = 4 V; f = 1 MHz; Tj = 25 °C
-
80
-
pF
Cd
diode capacitance
VR = 10 V; f = 1 MHz; Tj = 25 °C
-
50
-
pF
trr
reverse recovery time
IF = 0.5 A; IR = 0.5 A; IR(meas) = 0.1 A;
Tj = 25 °C
-
5
-
ns
VFRM
peak forward recovery
voltage
IF = 0.5 A; dIF/dt = 20 A/µs; Tj = 25 °C
-
610
-
mV


Similar Part No. - PMEG10020AELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10020AELP-Q NEXPERIA-PMEG10020AELP-Q Datasheet
262Kb / 13P
   100 V, 2 A low leakage current Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG10020AELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG10020AELR-Q NEXPERIA-PMEG10020AELR-Q Datasheet
265Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
22 December 2022
PMEG10020ELR-Q NEXPERIA-PMEG10020ELR-Q Datasheet
266Kb / 14P
   100 V, 2 A low leakage current Schottky barrier rectifier
16 November 2022
logo
NXP Semiconductors
PMEG10020ELR PHILIPS-PMEG10020ELR_15 Datasheet
215Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
7 May 2015
logo
Nexperia B.V. All right...
PMEG10020AELP NEXPERIA-PMEG10020AELP Datasheet
244Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
logo
NXP Semiconductors
PMEG10020AELR PHILIPS-PMEG10020AELR_15 Datasheet
215Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
7 May 2015
logo
Nexperia B.V. All right...
PMEG10020AELR NEXPERIA-PMEG10020AELR Datasheet
237Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020ELR NEXPERIA-PMEG10020ELR Datasheet
238Kb / 15P
   100 V, 2 A low leakage current Schottky barrier rectifier
PMEG10020AELP-Q NEXPERIA-PMEG10020AELP-Q Datasheet
262Kb / 13P
   100 V, 2 A low leakage current Schottky barrier rectifier
20 February 2023
PMEG100T20ELR NEXPERIA-PMEG100T20ELR Datasheet
260Kb / 14P
   100 V, 2 A low leakage current Trench MEGA Schottky barrier rectifier
12 July 2021
PMEG100T20ELP NEXPERIA-PMEG100T20ELP Datasheet
255Kb / 13P
   100 V, 2 A low leakage current Trench MEGA Schottky barrier rectifier
7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com