Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG6030ELP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG6030ELP
Description  60 V, 3 A low leakage current Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG6030ELP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG6030ELP_15 Datasheet HTML 1Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 2Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 3Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 4Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG6030ELP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
PMEG6030ELP
60 V, 3 A low leakage current Schottky barrier rectifier
PMEG6030ELP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 May 2015
5 / 15
aaa-016492
tp (s)
10-3
102
103
10
1
10-2
10-1
10
1
102
10-1
Zth(j-a)
(K/W)
0.02
0.01
0
0.05
0.1
0.2
0.33
0.25
0.5
0.75
duty cycle = 1
Ceramic PCB, Al2O3, standard footprint
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMEG6030ELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6030ELP-Q NEXPERIA-PMEG6030ELP-Q Datasheet
259Kb / 13P
   60 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
More results

Similar Description - PMEG6030ELP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6030ELP NEXPERIA-PMEG6030ELP Datasheet
259Kb / 14P
   60 V, 3 A low leakage current Schottky barrier rectifier
PMEG6030ELP-Q NEXPERIA-PMEG6030ELP-Q Datasheet
259Kb / 13P
   60 V, 3 A low leakage current Schottky barrier rectifier
20 February 2023
PMEG60T30ELP NEXPERIA-PMEG60T30ELP Datasheet
271Kb / 12P
   60 V, 3 A low leakage current Trench Schottky barrier rectifier
1 January 2023
PMEG060T030ELPE-Q NEXPERIA-PMEG060T030ELPE-Q Datasheet
259Kb / 12P
   60 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
7 May 2021
PMEG060T030ELPE NEXPERIA-PMEG060T030ELPE Datasheet
264Kb / 12P
   60 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
16 December 2019
PMEG60T30ELP-Q NEXPERIA-PMEG60T30ELP-Q Datasheet
249Kb / 13P
   60 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
4 April 2022
PMEG60T30ELR-Q NEXPERIA-PMEG60T30ELR-Q Datasheet
256Kb / 14P
   60 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
7 October 2021
PMEG60T30ELR NEXPERIA-PMEG60T30ELR Datasheet
898Kb / 13P
   60 V, 3 A low leakage current Trench MEGA Schottky barrier rectifier
1 April 2023
logo
NXP Semiconductors
PMEG6020AELR PHILIPS-PMEG6020AELR_15 Datasheet
213Kb / 15P
   60 V, 2 A low leakage current Schottky barrier rectifier
19 June 2015
PMEG6020ELR PHILIPS-PMEG6020ELR_15 Datasheet
216Kb / 15P
   60 V, 2 A low leakage current Schottky barrier rectifier
3 June 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com