Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4015EPK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG4015EPK
Description  40 V, 1.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4015EPK Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG4015EPK_15 Datasheet HTML 1Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 2Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 3Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 4Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 5Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 6Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 7Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 8Page - NXP Semiconductors PMEG4015EPK_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PMEG4015EPK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 March 2012
4 of 14
NXP Semiconductors
PMEG4015EPK
40 V, 1.5 A low VF MEGA Schottky barrier rectifier
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aad035
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.02
0.01
0
0.05
006aad036
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.02
0.01
0
0.05


Similar Part No. - PMEG4015EPK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4015EPK NEXPERIA-PMEG4015EPK Datasheet
1Mb / 15P
   40 V, 1.5 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG4015EPK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4015EPK NEXPERIA-PMEG4015EPK Datasheet
1Mb / 15P
   40 V, 1.5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2015EPK PHILIPS-PMEG2015EPK_15 Datasheet
1Mb / 14P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-6 March 2012
logo
Nexperia B.V. All right...
PMEG2015EPK NEXPERIA-PMEG2015EPK Datasheet
1Mb / 15P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK_15 Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
PMEG4010ETP PHILIPS-PMEG4010ETP Datasheet
166Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-5 October 2011
PMEG4010ESB NXP-PMEG4010ESB Datasheet
204Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
24 June 2015
logo
Nexperia B.V. All right...
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
   40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
PMEG4010EPK NEXPERIA-PMEG4010EPK Datasheet
231Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
18 January 2018
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com