Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2097A Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA2097A
Description  20-40GHz Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2097A Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA2097A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 7Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA2097a
20-40GHz Variable Gain Amplifier
Ref. : DSCHA20978021-21 Jan 08
6/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
IN
OUT
To Vgs1 DC Gate supply feed
100pF
100pF
To Vd1,2,3 DC Drain supply feed
100pF
To Vgs2,3 DC Gate supply feed
To Vctrl DC supply feed
Note: Supply feed should be capacitively bypassed.
Bonding pad positions.
(Chip thickness: 100µm. All dimensions are in micrometers)


Similar Part No. - CHA2097A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
   20-40GHz Variable Gain Amplifier
CHA2097A99F/00 UMS-CHA2097A99F/00 Datasheet
120Kb / 8P
   20-40GHz Variable Gain Amplifier
More results

Similar Description - CHA2097A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
   20-40GHz Variable Gain Amplifier
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694 UMS-CHA3694_15 Datasheet
327Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
   31-40GHz Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
   20-40GHz High Gain Buffer Amplifier
CHA2098B UMS-CHA2098B_15 Datasheet
126Kb / 8P
   20-40GHz High Gain Buffer Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com