Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX536AJCWE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MX536AJCWE
Description  True RMS-to-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX536AJCWE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MX536AJCWE Datasheet HTML 4Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 5Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 6Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 7Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 8Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 9Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 10Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 11Page - Maxim Integrated Products MX536AJCWE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
True RMS-to-DC Converters
______________________________________________________________________________________
11
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
BUF
VIN
+VS
-VS
+VS
4.5V TO 15V
+VS
VIN
VOUT
2.5V
dB OUT
-3mV/dB
C1
C2
ZERO dB
0.1
µF
LINEAR
RMS
OUTPUT
R1
R2
500
GAIN
R3
1k*
R4
36k
R5
GROUND
COMPENSATED
dB OUT
+0.1V/dB
*SPECIAL TC COMP RESISTOR: +3500PPM, 1k, 1%
MX580J
MX536A
MX636
MAX400
Figure 10. dB Connection
1
1m
100
µ
1k
100k
10M
1M
10m
30m
200m
100m
FREQUENCY (Hz)
10k
1VRMS INPUT
200mVRMS INPUT
100mVRMS INPUT
10mVRMS INPUT
30mVRMS INPUT
1VRMS INPUT
1%
10%
±3dB
Figure 12. MX636 High-Frequency Response
10
0.01
1k
100k
10M
1M
0.1
1
FREQUENCY (Hz)
10k
7VRMS INPUT
1%
10%
±3dB
1VRMS INPUT
100mVRMS
INPUT
10mVRMS
INPUT
Figure 11. MX536A High-Frequency Response


Similar Part No. - MX536AJCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX536AJCWE MAXIM-MX536AJCWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX536AJCWE

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
   True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
   True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
   True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
   True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
   True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
   Integrated Circuit True RMS-to-DC Converter
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com