Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2094B Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA2094B
Description  36-40GHz Low Noise High Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2094B Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA2094B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 6Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 7Page - United Monolithic Semiconductors CHA2094B Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA2094b
36-40GHz Low Noise Amplifier
Ref. : DSCHA20949312 – 08-Nov.-99
6/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Bias Tuning for Low Noise Operation
The circuit schematic is given below:
IN
OUT
Vd
Vg 1,2
Vg 3
100
100
50
For low noise operation, a separate access to the gate voltages of the two first stages (Vgs1&2), and of
the output stage (Vgs3) is provided.
Nominal bias for low noise operation is obtained for a typical current of 20 mA for the output stage and
15 mA for each of the two first stages (50 mA for the amplifier).
The first step to bias the amplifier is to tune the Vgs1&2 = -1V, and Vgs3 to drive 20 mA for the full
amplifier. Then Vgs1&2 is reduced to obtain 50 mA of current through the amplifier.
A fine tuning of the noise figure may be obtained by modifying the Vgs1&2 bias voltage, but keeping
the previous value for Vgs3.


Similar Part No. - CHA2094B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
CHA2094B99F/00 UMS-CHA2094B99F/00 Datasheet
111Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
More results

Similar Description - CHA2094B

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
   36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
   36-40GHz Low Noise Amplifier
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
   36-40GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com