Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2093 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2093
Description  20-30GHz Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2093 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2093 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2093 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHA2093
20-30GHz Low Noise Amplifier
Ref. : DSCHA20933279 - 06 Oct 03
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Chip Typical Response ( On wafer Sij ) :
Tamb = +25°C
Vd = 4V ; Id = 45mA
-20
-15
-10
-5
0
5
10
15
20
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Frequency ( GHz )
DBS11
DBS22
Gain
Typical Gain and Matching measurements on wafer.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
15 16
17 18 19 20
21 22 23 24
25 26 27 28
29 30 31 32
33 34
Frequency ( GHz )
Gain
NF
Gab
Typical Gain and Noise Figure measurements on wafer


Similar Part No. - CHA2093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093-99F/00 UMS-CHA2093-99F/00 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093-99F/00 UMS-CHA2093-99F/00 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093RBF UMS-CHA2093RBF Datasheet
186Kb / 8P
   20-30GHz Low Noise Amplifier
More results

Similar Description - CHA2093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2093RBF UMS-CHA2093RBF Datasheet
186Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190 Datasheet
163Kb / 9P
   20-30GHz Low Noise Amplifier
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3689 UMS-CHA3689 Datasheet
261Kb / 10P
   12.5-30GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com