Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX942 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX942
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX942 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX942 Datasheet HTML 1Page - Maxim Integrated Products MAX942 Datasheet HTML 2Page - Maxim Integrated Products MAX942 Datasheet HTML 3Page - Maxim Integrated Products MAX942 Datasheet HTML 4Page - Maxim Integrated Products MAX942 Datasheet HTML 5Page - Maxim Integrated Products MAX942 Datasheet HTML 6Page - Maxim Integrated Products MAX942 Datasheet HTML 7Page - Maxim Integrated Products MAX942 Datasheet HTML 8Page - Maxim Integrated Products MAX942 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX941/MAX942/MAX944 are single/dual/quad
high-speed comparators optimized for systems pow-
ered from a 3V or 5V supply. These devices combine
high speed, low power, and rail-to-rail inputs.
Propagation delay is 80ns, while supply current is only
350µA per comparator.
The input common-mode range of the MAX941/
MAX942/MAX944 extends beyond both power-supply
rails. The outputs pull to within 0.4V of either supply rail
without external pull-up circuitry, making these devices
ideal for interface with both CMOS and TTL logic. All
input and output pins can tolerate a continuous short-
circuit fault condition to either rail.
Internal hysteresis ensures clean output switching,
even with slow-moving input signals. The MAX941 fea-
tures latch enable and device shutdown.
The single MAX941 and dual MAX942 are offered in a
tiny µMAX package. Both the single and dual MAX942
are available in 8-pin DIP and SO packages. The quad
MAX944 comes in 14-pin DIP and narrow SO pack-
ages.
________________________Applications
3V/5V Systems
Battery-Powered Systems
Threshold Detectors/Discriminators
Line Receivers
Zero-Crossing Detectors
Sampling Circuits
____________________________Features
o Available in µMAX Package
o Optimized for 3V and 5V Applications
(operation down to 2.7V)
o Fast, 80ns Propagation Delay (5mV overdrive)
o Rail-to-Rail Input Voltage Range
o Low Power:
1mW Power Dissipation per Comparator (3V)
350µA Supply Current
o Low, 1mV Offset Voltage
o Internal Hysteresis for Clean Switching
o Outputs Swing 200mV of Power Rails
o CMOS/TTL-Compatible Outputs
o Output Latch (MAX941 only)
o Shutdown Function (MAX941 only)
______________Ordering Information
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
N.C.
OUT
GND
LATCH
SHDN
IN-
IN+
V+
DIP/SO/
µMAX
1
2
3
4
8
7
6
5
V+
OUTB
INB-
INB+
GND
INA+
INA-
OUTA
MAX942
DIP/SO/
µMAX
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
GND
V+
INA+
INA-
OUTA
INC+
INC-
OUTC
OUTB
INB-
INB+
DIP/SO
MAX941
MAX944
TOP VIEW
A
B
AD
BC
__________________________________________________________Pin Configurations
19-0229; Rev 3; 6/97
Ordering Information continued at end of data sheet.
* Dice are specified at TA = +25°C, DC parameters only.
8 SO
-40°C to +85°C
MAX941ESA
8 Plastic DIP
-40°C to +85°C
MAX941EPA
8 CERDIP
-55°C to +125°C
MAX941MJA
Dice*
0°C to +70°C
MAX941C/D
8 SO
0°C to +70°C
MAX941CSA
8 Plastic DIP
0°C to +70°C
MAX941CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 µMAX
-40°C to +85°C
MAX941EUA
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX942

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9420EGJ MAXIM-MAX9420EGJ Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
MAX9420EHJ MAXIM-MAX9420EHJ Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results

Similar Description - MAX942

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com