Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3020CPAS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG3020CPAS
Description  30 V, 2 A low VF dual MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3020CPAS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG3020CPAS_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3020CPAS_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
PMEG3020CPAS
30 V, 2 A low VF dual MEGA Schottky barrier rectifier
PMEG3020CPAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
20 January 2015
7 / 15
VR (V)
0
30
20
10
006aac420
100
200
300
Cd
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 6. Diode capacitance as a function of reverse
voltage; typical values
IF(AV) (A)
0.0
3.0
2.0
1.0
006aac421
1.4
PF(AV)
(W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
(1)
(2)
(3)
(4)
Tj = 150 °C
(1) δ = 0.1
(2) δ = 0.2
(3) δ = 0.5
(4) δ = 1
Fig. 7. Average forward power dissipation as a
function of average forward current; typical
values
VR (V)
0
20
15
5
10
006aac422
1.0
2.0
3.0
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tj = 125 °C
(1) δ = 1
(2) δ = 0.9
(3) δ = 0.8
(4) δ = 0.5
Fig. 8. Average reverse power dissipation as a
function of reverse voltage; typical values
VR (V)
0
30
20
10
aaa-015084
0.2
0.4
0.6
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tj = 85 °C
(1) δ = 1
(2) δ = 0.9
(3) δ = 0.8
(4) δ = 0.5
Fig. 9. Average reverse power dissipation as a
function of reverse voltage; typical values


Similar Part No. - PMEG3020CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020CPAS NEXPERIA-PMEG3020CPAS Datasheet
713Kb / 15P
   30 V, 2 A low VF dual MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3020CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020CPAS NEXPERIA-PMEG3020CPAS Datasheet
713Kb / 15P
   30 V, 2 A low VF dual MEGA Schottky barrier rectifier
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3020EPAS PHILIPS-PMEG3020EPAS_15 Datasheet
229Kb / 15P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG3020CEP-Q NEXPERIA-PMEG3020CEP-Q Datasheet
256Kb / 13P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3020ER-Q NEXPERIA-PMEG3020ER-Q Datasheet
259Kb / 13P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3020EP-Q NEXPERIA-PMEG3020EP-Q Datasheet
252Kb / 13P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3020EPAS NEXPERIA-PMEG3020EPAS Datasheet
711Kb / 15P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020CPA NXP-PMEG2020CPA Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
PMEG3020CPA PHILIPS-PMEG3020CPA_15 Datasheet
346Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-24 August 2010
logo
Nexperia B.V. All right...
PMEG2020CPA NEXPERIA-PMEG2020CPA Datasheet
432Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com