Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX977 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX977
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX977 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX977 Datasheet HTML 1Page - Maxim Integrated Products MAX977 Datasheet HTML 2Page - Maxim Integrated Products MAX977 Datasheet HTML 3Page - Maxim Integrated Products MAX977 Datasheet HTML 4Page - Maxim Integrated Products MAX977 Datasheet HTML 5Page - Maxim Integrated Products MAX977 Datasheet HTML 6Page - Maxim Integrated Products MAX977 Datasheet HTML 7Page - Maxim Integrated Products MAX977 Datasheet HTML 8Page - Maxim Integrated Products MAX977 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.25V, specifications are for high-speed mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
CLOAD = 10pF,
VCC = 5V
ISINK = 2mA, all modes
High-speed mode,
overdrive = 5mV
Low-power mode,
overdrive = 10mV
ISOURCE = 2mA, all modes
CONDITIONS
µs
0.82
1.6
ns
28
50
tPD+
Propagation Delay, Low to High
(Note 6)
V
0.1
0.4
VOL
OUT_ Output Voltage Low
V
0.7xVCC
VCC /2
VLPIH
LP Input Voltage High
V
VCC - 0.4 VCC - 0.1
VOH
OUT_ Output Voltage High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
VCC / 2
0.3 x VCC
VLPIL
LP Input Voltage Low
µA
(Note 5)
0.01
±1
ILPB
LP Input Current
µs
10
tLP
LP Fall Time
VCC = 3V
µA
0.15
ISTO
STO_ Source Current
V
VCC / 2
0.3 x VCC
VCIL
STO_ Input Voltage Low
CLOAD = 10pF,
VCC = 5V
High-speed mode,
overdrive = 5mV
Low-power mode,
overdrive = 10mV
µs
0.48
1.6
ns
28
50
tPD-
Propagation Delay, High to Low
(Note 6)
CLOAD = 10pF
ns
2
tSKEW
Propagation-Delay Skew (Note 6)
MAX977 only, CLOAD = 10pF
ns
1
∆tPD
Propagation-Delay Matching
CLOAD = 10pF,
VCC = 5.0V
High-speed mode
Low-power mode
1.6
ns
1.6
Rise/Fall Time
ISOURCE = 3mA, all modes
V
VCC - 0.4
VSH
STAT_ Output Voltage High
ISINK = 400µA, all modes
V
0.4
VSL
STAT_ Output Voltage Low
DIGITAL INPUTS
DIGITAL OUTPUTS
Note 1: The MAX975EUA is 100% production tested at TA = +25°C; all temperature specifications are guaranteed by design.
Note 2: Inferred by CMRR. Either input can be driven to the absolute maximum limit without false output inversion, as long as the
other input is within the specified common-mode input voltage range.
Note 3: VOS is defined as the mean of trip points. The trip points are the extremities of the differential input voltage required to make
the comparator output change state (Figure 1).
Note 4: The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis zone (Figure 1).
Note 5: Guaranteed by design. The LP pin is sensitive to noise. If fall times larger than 10µs are expected, bypass LP to ground
using a 0.1µF capacitor.
Note 6: Propagation delay is guaranteed by design. For low-overdrive conditions, VOS is added to the overdrive. The following
equation defines propagation-delay skew: tSKEW = tPD+ - tPD-.


Similar Part No. - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX977 MAXIM-MAX977 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9770 MAXIM-MAX9770 Datasheet
493Kb / 24P
   1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI MAXIM-MAX9770ETI Datasheet
493Kb / 24P
   1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770ETI++ MAXIM-MAX9770ETI+ Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
More results

Similar Description - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com