Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX954MJA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX954MJA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX954MJA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX954MJA Datasheet HTML 4Page - Maxim Integrated Products MAX954MJA Datasheet HTML 5Page - Maxim Integrated Products MAX954MJA Datasheet HTML 6Page - Maxim Integrated Products MAX954MJA Datasheet HTML 7Page - Maxim Integrated Products MAX954MJA Datasheet HTML 8Page - Maxim Integrated Products MAX954MJA Datasheet HTML 9Page - Maxim Integrated Products MAX954MJA Datasheet HTML 10Page - Maxim Integrated Products MAX954MJA Datasheet HTML 11Page - Maxim Integrated Products MAX954MJA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
In the example, RA is again 24k
Ω.
6) Select the upper trip point VS(H). Our example is set
at 4.75V.
7) Calculate RB.
RB is 8.19k
Ω, or approximately 8.2kΩ.
Input Noise Considerations
Because low power requirements often demand high-
impedance circuits, effects from radiated noise are more
significant. Thus, traces between the op-amp or com-
parator inputs and any resistor networks attached should
be kept as short as possible.
Crosstalk
Reference
Internal crosstalk to the reference from the comparator
is package dependent. Typical values (VDD = 5V) are
45mV for the plastic DIP package and 32mV for the SO
package. Applications using the reference for the op
amp or external circuitry can eliminate this crosstalk by
using a simple RC lowpass filter, as shown in Figure 5.
Op Amp
Internal crosstalk to the op amp from the comparator is
package dependent, but not input referred. Typical val-
ues (VDD = 5V) are 4mV for the plastic DIP package
and 280µV for the SO package.
Op-Amp Stability and Board Layout
Considerations
Unlike other industry-standard micropower CMOS op
amps, the op amps in the MAX951–MAX954 maintain
stability in their minimum gain configuration while driving
heavy capacitive loads, as demonstrated in the
MAX951/MAX953 Op-Amp Percent Overshoot vs.
Capacitive Load graph in the
Typical Operating
Characteristics.
Although this family is primarily designed for low-fre-
quency applications, good layout is extremely impor-
tant. Low-power, high-impedance circuits may increase
the effects of board leakage and stray capacitance. For
example, the combination of a 10M
Ω resistance (from
leakage between traces on a contaminated, poorly
designed PC board) and a 1pF stray capacitance pro-
vides a pole at approximately 16kHz, which is near the
amplifier’s bandwidth. Board routing and layout should
minimize leakage and stray capacitance. In some
cases, stray capacitance may be unavoidable and it
may be necessary to add a 2pF to 10pF capacitor
across the feedback resistor to compensate; select the
smallest capacitor value that ensures stability.
Input Overdrive
With 100mV overdrive, comparator propagation delay
is typically 6µs. The
Typical Operating Characteristics
show propagation delay for various overdrive levels.
Supply current can increase when the op amp in the
MAX951–MAX954 is overdriven to the negative supply rail.
For example, when connecting the op amp as a compara-
tor and applying a -100mV input overdrive, supply current
rises by around 15µA and 32µA for supply voltages of
2.8V and 7V, respectively.
R
V
V
R
R
R
V
V
V
R
R
B
REF
IHYST
A
S H
REF
IHSYT
A
=
+
(
) ( )( )
( )
 −
+
(
)
+
(
)
( )
2
2
2
R
R
V
V
for V
V
A
SHYST
DD
SHYST
IHYST
>>
2
,
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
10
______________________________________________________________________________________
R2
R1
2pF to 10pF
AMPOUT
AMPIN+
REF
0.1
µF
0.1
µF
L1
330mH
C1A
390pF
1
(2
π fC) 2
C1B
330pF
C1C
20-60pF
10M
5.1M
1.0M
100k
1.2V
20k
VCC = 5V
COMP
ANTENNA
AMP
LAYOUT-SENSITIVE AREA,
METAL RFI SHIELDING ADVISED
MAX952
L1 x C1 =
Figure 3. Compensation for Feedback-Node Capacitance
Figure 4. Low-Frequency Radio Receiver Application


Similar Part No. - MAX954MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX954 MAXIM-MAX954 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9540 MAXIM-MAX9540 Datasheet
216Kb / 15P
   Graphics Video Sync Adder/Extractor
Rev 2; 1/07
MAX9540EUI MAXIM-MAX9540EUI Datasheet
216Kb / 15P
   Graphics Video Sync Adder/Extractor
Rev 2; 1/07
MAX9541 MAXIM-MAX9541 Datasheet
347Kb / 16P
   Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
Rev 0; 2/09
MAX9541 MAXIM-MAX9541 Datasheet
134Kb / 6P
   Fully Assembled and Tested
Rev 0; 2/09
More results

Similar Description - MAX954MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com