Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3061 Datasheet(PDF) 1 Page - Solid State Optronic

Part # TD3061
Description  Trigger Current (15mA MAX)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3061 Datasheet(HTML) 1 Page - Solid State Optronic

  TD3061 Datasheet HTML 1Page - Solid State Optronic TD3061 Datasheet HTML 2Page - Solid State Optronic TD3061 Datasheet HTML 3Page - Solid State Optronic TD3061 Datasheet HTML 4Page - Solid State Optronic TD3061 Datasheet HTML 5Page - Solid State Optronic TD3061 Datasheet HTML 6Page - Solid State Optronic TD3061 Datasheet HTML 7Page - Solid State Optronic TD3061 Datasheet HTML 8Page - Solid State Optronic TD3061 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 9
TD3061
Zero Volt Switching
600V
Triac Driver
TD3061 /H/S/TR
Rev 2.00 (11/12/2013)
001677
Description
The TD3061 consists of a single input LED optically
coupled to a zero-volt crossing triac driver. The TD3061
provides high input-to-output isolation and is designed to
drive high-powered triacs. Typical uses include interfacing
logic level control signals to equipment powered from
110VAC to 240VAC lines.
The TD3061 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Motor / Drive Controls
Solid State Relays
Solenoid / Valve Control
Temperature Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….………...………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..330mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
TD3061
6 pin DIP, (60/Tube)
TD3061-H
0.40” (10.16mm) Lead Spacing (VDE0884)
TD3061-S
6 pin SMD, (60/Tube)
TD3061-STR
6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Zero-Volt Switching
600V Blocking Voltage
Trigger Current (15mA MAX)
High Isolation Voltage (5000VRMS)
High dV/dt (1kV/
S MIN, 2kV/S TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Connect
(Triac Substrate)
+/- Load
TD3061
3
4
Do Not Connect
-/+ Load
Zero Volt
Crossing
Circuit


Similar Part No. - TD3061

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
   Zero-Volt Switching Triac Driver
More results

Similar Description - TD3061

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
logo
Maxim Integrated Produc...
MAX6279EVKIT MAXIM-MAX6279EVKIT Datasheet
818Kb / 4P
   Wide Operating Current Range: 60μA to 15mA
Rev 0; 10/18
logo
Linear Technology
LTC1875 LINER-LTC1875 Datasheet
257Kb / 20P
   15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
logo
New Jersey Semi-Conduct...
2N6068 NJSEMI-2N6068 Datasheet
84Kb / 1P
   PEEK GATE TRIGGER CURRENT
logo
SemiHow Co.,Ltd.
BT134-600 SEMIHOW-BT134-600 Datasheet
551Kb / 6P
   Sensitive Gate Trigger Current
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
   Sensitive gate trigger current
logo
Sanyo Semicon Device
SB0015-03A SANYO-SB0015-03A Datasheet
58Kb / 2P
   30V,15mA Detection Applications
logo
SUNMATE electronic Co.,...
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
logo
Mallory Sonalert Produc...
ZA028MDMT2 MSPI-ZA028MDMT2 Datasheet
133Kb / 1P
   Current Draw: 40mA MAX
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com