Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3042 Datasheet(PDF) 1 Page - Solid State Optronic

Part # TD3042
Description  Zero-Volt Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3042 Datasheet(HTML) 1 Page - Solid State Optronic

  TD3042 Datasheet HTML 1Page - Solid State Optronic TD3042 Datasheet HTML 2Page - Solid State Optronic TD3042 Datasheet HTML 3Page - Solid State Optronic TD3042 Datasheet HTML 4Page - Solid State Optronic TD3042 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TD30
42
Zero-Volt Switching
Triac Driver
The TD30
42 consists of a single input LED optically coupled to a zero-volt crossing triac driver. The TD3042 provides high input-to-output
isolation and is designed to drive high-powered triacs. Typical uses include interfacing logic level control signals to equipment powered
from 110Vac and 220Vac lines.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Zero-volt switching
400V blocking voltage
High input-to-output isolation (5kV
rms MIN)
Trigger current 10mA MAX
High
dV/dt (1kV/us MIN, 2kV/us TYP)
Home appliances
Motor/ Drive controls
Solid state relays
Solenoid / Valve control
Temperature Control
Surface Mount Leadform Option
(50 pcs / tube)
-S
Tape and Reel Option
(1000 pcs / reel)
-TR
Signifies VDE approval
-V
0.4" Lead Spacing (see mechanical dimensio
n)
-H
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
50
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Total Power Dissipation
mW
330
Soldering Temperature
(10s)
ºC
260
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL and C-UL Approved File # E201932
VDE Approved, Lic # 40011225
© 2009 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 5
TD30
42
rev 1.41 (
06/01/2009)
1
2
4
6
3
5*
Zero Volt
Crossing
Circuit
1. Anode
2. Cathode
3. N/C
4. MAIN Terminal
5. N/C*
6. MAIN Terminal
*DO NOT CONNECT
Triac Substrate


Similar Part No. - TD3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
   Zero Volt Switching
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
   Zero-Volt Switching Triac Driver
More results

Similar Description - TD3042

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
   Zero Volt Switching
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
   Zero Volt Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com