Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX953MJA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX953MJA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX953MJA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX953MJA Datasheet HTML 1Page - Maxim Integrated Products MAX953MJA Datasheet HTML 2Page - Maxim Integrated Products MAX953MJA Datasheet HTML 3Page - Maxim Integrated Products MAX953MJA Datasheet HTML 4Page - Maxim Integrated Products MAX953MJA Datasheet HTML 5Page - Maxim Integrated Products MAX953MJA Datasheet HTML 6Page - Maxim Integrated Products MAX953MJA Datasheet HTML 7Page - Maxim Integrated Products MAX953MJA Datasheet HTML 8Page - Maxim Integrated Products MAX953MJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µA
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
4
_______________________________________________________________________________________
RL = 100kΩ to VSS
RL = 100kΩ to VSS
TA = +25°C, VDD - VSS = 5V
TA = +25°C
MAX95_M
TA = +25°C
TA = +25°C, VDD - VSS = 5V
MAX95_M
MAX95_E
MAX95_E
CONDITIONS
30
50
V
VSS + 50mV
VOL
Output Low Voltage
V
VDD - 500mV
VOH
Output High Voltage
200
570
70
40
70
300
820
60
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.8V to 7V for MAX951/MAX952, VDD = 2.4V to 7V for MAX953/MAX954, VSS = 0V, VCM COMP = 0V for the MAX953/MAX954,
VCM OPAMP = 0V, AMPOUT = (VDD + VSS) / 2, COMPOUT = low, TA = TMIN to TMAX, typical values are at TA = +25°C, unless
otherwise noted.)
Note 1: Supply current is tested with COMPIN+ = (REF - 100mV) for MAX951/MAX952, and COMPIN+ = 0V for MAX953/MAX954.
Note 2: Input Offset Voltage is defined as the center of the input-referred hysteresis. VCM COMP = REF for MAX951/MAX952, and
VCM COMP = 0V for MAX953/MAX954.
Note 3: Trip Point is defined as the differential input voltage required to make the comparator output change. The difference
between upper and lower trip points is equal to the width of the input-referred hysteresis. VCM COMP = REF for
MAX951/MAX952, and VCM COMP = 0V for MAX953/MAX954.
Note 4: For MAX951/MAX952, input leakage current is measured for COMPIN- at the reference voltage. For MAX953/MAX954, input
leakage current is measured for both COMPIN+ and COMPIN- at VSS.
Note 5: Reference voltage is measured with respect to VSS. Contact factory for availability of a 3% accurate reference voltage in the
µMAX package.
ISRC
Output Source Current
µA
ISNK
Output Sink Current
µA


Similar Part No. - MAX953MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX953 MAXIM-MAX953 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
90Kb / 4P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9532AUB++ MAXIM-MAX9532AUB+ Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
More results

Similar Description - MAX953MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com