Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX985EUK-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX985EUK-T
Description  Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX985EUK-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX985EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 12Page - Maxim Integrated Products MAX985EUK-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
10
______________________________________________________________________________________
Ordering Information (continued)
Typical Application Circuit
MAX98_
MAX99_
IN+
*RPULLUP
THRESHOLD DETECTOR
*MAX986/MAX990/MAX994 ONLY.
VIN
OUT
VCC
VCC
VEE
VREF
IN-
PART
TEMP RANGE
PIN/BUMP-
PACKAGE
TOP
MARK
MAX985EUK-T
-40°C to +85°C
5 SOT23-5
ABYZ
MAX985ESA
-40°C to +85°C
8 SO
MAX986EXK-T
-40°C to +85°C
5 SC70-5
ABL
MAX986EUK-T
-40°C to +85°C
5 SOT23-5
ABZA
MAX986ESA
-40°C to +85°C
8 SO
MAX989EKA-T
-40°C to +85°C
8 SOT23-8
AADZ
MAX989EUA
-40°C to +85°C
8 µMAX
MAX989ESA
-40°C to +85°C
8 SO
MAX990EKA-T
-40°C to +85°C
8 SOT23-8
AAEA
MAX990EUA
-40°C to +85°C
8 µMAX
MAX990ESA
-40°C to +85°C
8 SO
MAX993EUD
-40°C to +85°C
14 TSSOP
MAX993ESD
-40°C to +85°C
14 SO
MAX994EUD
-40°C to +85°C
14 TSSOP
MAX994ESD
-40°C to +85°C
14 SO
Pin Configurations (continued)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
MAX993
MAX994
INC+
INC-
OUTC
OUTB
INB-
INB+
SO/TSSOP
TOP VIEW
OUT
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
IN+
N.C.
SO
3
4
6
5
MAX985
MAX986
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
SO/
µMAX/SOT23
3
4
6
5
MAX989
MAX990
VCC
IN-
IN+
1
5
VEE
OUT
MAX985
MAX986
SOT23/SC70
2
3
4


Similar Part No. - MAX985EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985EUK-T MAXIM-MAX985EUK-T Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
More results

Similar Description - MAX985EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com