Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX976 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX976
Description  Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX976 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX976 Datasheet HTML 1Page - Maxim Integrated Products MAX976 Datasheet HTML 2Page - Maxim Integrated Products MAX976 Datasheet HTML 3Page - Maxim Integrated Products MAX976 Datasheet HTML 4Page - Maxim Integrated Products MAX976 Datasheet HTML 5Page - Maxim Integrated Products MAX976 Datasheet HTML 6Page - Maxim Integrated Products MAX976 Datasheet HTML 7Page - Maxim Integrated Products MAX976 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD+, VCC = 5V)
VOUT
2V/div
MAX976 TOC13
VOD = 50mV
CLOAD = 15pF
10MHz RESPONSE
INPUT
50mV/div
20ns/div
OUTPUT
2V/div
VOS
VCC
GND
MAX976 TOC15
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD-, VCC = 5V)
VOUT
2V/div
MAX976 TOC14
VOD = 50mV
CLOAD = 15pF
Single/Dual/Quad, SOT23, Single-Supply,
High-Speed, Low-Power Comparators
4
_______________________________________________________________________________________
______________________________Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25°C, unless otherwise noted.)
90
80
0
1
10
100
PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
10
30
20
50
40
70
60
CLOAD = 15pF
100
-1
2
3
4
5
0
1
6
INPUT BIAS CURRENT vs.
INPUT COMMON-MODE VOLTAGE
0.01
INPUT COMMON-MODE VOLTAGE (V)
0.1
1
10
VCC = 2.7V
VCC = 5.5V
-2.0
-1.0
-1.5
0
-0.5
0.5
1.0
1.5
2.0
-60
-20
0
-40
20
40
60
80
100
TRIP POINTS AND OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VTRIP+
VTRIP-
VOS
40
50
60
70
80
90
100
-60
-20
-40
0
20
40
60
80
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 2.7V
VCC = 5.5V
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD+, VCC = 3V)
VOUT
1V/div
MAX976 TOC11
VOD = 50mV
CLOAD = 15pF
VIN+
50mV/div
10ns/div
PROPAGATION DELAY
(tPD-, VCC = 3V)
VOUT
1V/div
MAX976 TOC12
CLOAD = 15pF
VOD = 50mV


Similar Part No. - MAX976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976 Datasheet
228Kb / 11P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX9760 MAXIM-MAX9760 Datasheet
908Kb / 31P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9760ETI MAXIM-MAX9760ETI Datasheet
908Kb / 31P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9760EUI MAXIM-MAX9760EUI Datasheet
908Kb / 31P
   Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux
Rev 0; 1/03
MAX9765 MAXIM-MAX9765 Datasheet
1Mb / 32P
   750mW Audio Amplifiers with Headphone Amp, Microphone Preamp, and Input Mux
Rev 1; 2/05
More results

Similar Description - MAX976

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX976 MAXIM-MAX976_09 Datasheet
228Kb / 11P
   Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 3; 3/09
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
344Kb / 11P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
2012
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9031AUK MAXIM-MAX9031AUK Datasheet
220Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com