Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX997EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX997EUA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX997EUA Datasheet HTML 1Page - Maxim Integrated Products MAX997EUA Datasheet HTML 2Page - Maxim Integrated Products MAX997EUA Datasheet HTML 3Page - Maxim Integrated Products MAX997EUA Datasheet HTML 4Page - Maxim Integrated Products MAX997EUA Datasheet HTML 5Page - Maxim Integrated Products MAX997EUA Datasheet HTML 6Page - Maxim Integrated Products MAX997EUA Datasheet HTML 7Page - Maxim Integrated Products MAX997EUA Datasheet HTML 8Page - Maxim Integrated Products MAX997EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted.) (Note 1)
Note 1: The MAX961EUA/MAX962EUA/MAX997EUA/MAX999EUK are 100% production tested at TA = +25°C; all temperature specifica-
tions are guaranteed by design.
Note 2: Inferred by CMRR. Either input can be driven to the absolute maximum limit without false output inversion, provided that the other
input is within the input voltage range.
Note 3: The input-referred trip points are the extremities of the differential input voltage required to make the comparator output change
state. The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis zone. (See
Figure 1.)
Note 4: Input offset voltage is defined as the mean of the trip points.
Note 5: CMRR = (VOSL - VOSH) / 5.2V, where VOSL is the offset at VCM = -0.1V and VOSH is the offset at VCM = 5.1V.
Note 6: PSRR = (VOS2.7 - VOS5.5) / 2.8V, where VOS2.7 is the offset voltage at VCC = 2.7V, and VOS5.5 is the offset voltage at
VCC = 5.5V.
Note 7: Propagation delay for these high-speed comparators is guaranteed by design characterization because it cannot be accurately
measured using automatic test equipment. A statistically significant sample of devices is characterized with a 200mV step and
100mV overdrive over the full temperature range. Propagation delay can be guaranteed by this characterization, since DC tests
ensure that all internal bias conditions are correct. For low overdrive conditions, VTRIP is added to the overdrive.
Note 8: Guaranteed by design.
MAX961/MAX963/MAX964/
MAX997, VOUT = 0.5V and
VCC - 0.5V
Delay until output is valid
Delay until output is high-Z
(>10kΩ)
MAX961/MAX963 (Note 8)
MAX961/MAX963 (Note 8)
5mV overdrive (Note 7)
MAX961/MAX963 (Note 8)
MAX961/MAX963 (Note 8)
VLOGIC = 0V or VCC
VCC = 5V
Between tPD- and tPD+
ns
250
tON
Shutdown Disable Time
ns
150
tOFF
Shutdown Time
ns
10
tLPD
Latch Propagation Delay
ns
5
tLPW
Latch Pulse Width
ns
5
tH
Latch-to-Data Hold Time
ns
5
tSU
Data-to-Latch Setup Time
ns
0.3
tSKEW
Propagation-Delay Skew
ns
0.3
tPD
Differential Propagation
Delay
µA
1
Shutdown Output
Leakage Current
pF
4
Output Capacitance
ns
4.5
7
tPD
Propagation Delay
µA
±15
IIL, IIH
Logic Input Current
V
(VCC / 2)
- 0.4
VIL
Logic Input Low
ns
2.3
tR, tF
Rise/Fall Time
V
(VCC / 2)
+ 0.4
VIH
Logic Input High
TA = +25°C
10
5
5
5
20
8.5
±30
(VCC / 2)
- 0.4
(VCC / 2)
+ 0.4
TMIN to TMAX
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MIN
MAX
Between any two channels or
outputs (Q/Q)
MAX962/MAX964, VCC = 5V
58
9
MAX961/MAX963/MAX964/
MAX997, VCC = 5V
mA
0.27
0.5
ISHDN
Shutdown Supply Current
per Comparator
0.5
MAX997/MAX999, VCC = 5V
5
6.5
6.5
MAX961/MAX963, VCC = 5V
7.2
11
Supply Current
per Comparator
ICC
11
mA


Similar Part No. - MAX997EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997EUA-T MAXIM-MAX997EUA-T Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX997EUA-T MAXIM-MAX997EUA-T Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results

Similar Description - MAX997EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com