Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX975 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX975
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX975 Datasheet HTML 3Page - Maxim Integrated Products MAX975 Datasheet HTML 4Page - Maxim Integrated Products MAX975 Datasheet HTML 5Page - Maxim Integrated Products MAX975 Datasheet HTML 6Page - Maxim Integrated Products MAX975 Datasheet HTML 7Page - Maxim Integrated Products MAX975 Datasheet HTML 8Page - Maxim Integrated Products MAX975 Datasheet HTML 9Page - Maxim Integrated Products MAX975 Datasheet HTML 10Page - Maxim Integrated Products MAX975 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
_______________________________________________________________________________________
7
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
45.0
0
50
100
150
200
250
HIGH-SPEED PROPAGATION DELAY
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
VCC = +3V
VCC = +5V
tPD+
tPD-
tPD+
tPD-
CLOAD = 15pF
VOD = 50mV
0
5
10
15
20
25
30
0
20 40 60 80 100 120 140 160 180 200
HIGH-SPEED PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
tPD-
CLOAD = 15pF
VCC = +3V
tPD+
VCC = +5V
200
240
280
320
360
400
440
480
520
560
600
-60 -40 -20
0
20
40
60
80
100
LOW-POWER PROPAGATION DELAY
vs. TEMPERATURE (VCC = 3V)
TEMPERATURE (°C)
CLOAD = 15pF
VOD = 50mV
tPD+
tPD-
150
200
250
300
350
400
450
500
550
600
650
700
750
-60 -40 -20
0
20
40
60
80
100
LOW-POWER PROPAGATION DELAY
vs. TEMPERATURE (VCC = 5V)
TEMPERATURE (°C)
CLOAD = 15pF
VOD = 50mV
tPD+
tPD-
PROPAGATION DELAY tPD+
HIGH-SPEED MODE (VCC = +3V)
tPD+
INPUT
5mV/div
5ns/div
OUTPUT
1V/div
VOS
VCC
VCC/2
GND
MAX975/977 TOC23
PROPAGATION DELAY tPD-
HIGH-SPEED MODE (VCC = +3V)
tPD-
INPUT
5mV/div
5ns/div
OUTPUT
1V/div
VOS
VCC
VCC/2
GND
MAX975/977 TOC24
PROPAGATION DELAY tPD-
HIGH-SPEED MODE (VCC = +5V)
tPD-
INPUT
5mV/div
5ns/div
OUTPUT
2V/div
VOS
VCC
VCC/2
GND
MAX975/977 TOC25
____________________________Typical Operating Characteristics (continued)
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX975

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975 MAXIM-MAX975 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9750AETI MAXIM-MAX9750AETI Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750AEUI MAXIM-MAX9750AEUI Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
More results

Similar Description - MAX975

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com