Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX969EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX969EEE
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX969EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX969EEE Datasheet HTML 3Page - Maxim Integrated Products MAX969EEE Datasheet HTML 4Page - Maxim Integrated Products MAX969EEE Datasheet HTML 5Page - Maxim Integrated Products MAX969EEE Datasheet HTML 6Page - Maxim Integrated Products MAX969EEE Datasheet HTML 7Page - Maxim Integrated Products MAX969EEE Datasheet HTML 8Page - Maxim Integrated Products MAX969EEE Datasheet HTML 9Page - Maxim Integrated Products MAX969EEE Datasheet HTML 10Page - Maxim Integrated Products MAX969EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
7
________________________________________________Pin Descriptions (continued)
_______________Detailed Description
The MAX965–MAX970 single/dual/quad, micropower,
ultra-low-voltage comparators feature Rail-to-Rail®
inputs and outputs and an internal 1.235V ±1.5%
bandgap reference. These devices operate from a sin-
gle +1.6V to +5.5V supply voltage range, and consume
less than 5µA supply current per comparator over the
extended temperature range. Internal hysteresis is pro-
grammable up to ±50mV using two external resistors
and the device’s internal reference. The rail-to-rail input
common-mode voltage range and the open-drain out-
puts allow easy voltage-level conversion for multivolt-
age systems. All inputs and outputs can tolerate a
continuous short-circuit fault condition to either rail.
The MAX965 is a single comparator with adjustable
hysteresis and a reference output pin. The MAX966 is a
dual comparator without the reference and without
adjustable hysteresis. The MAX967 is a dual compara-
tor configured as a dual voltage monitor with common
hysteresis adjustment and a reference output. The dual
MAX968 is similar to the MAX967, but is configured as
a window comparator. The MAX969 is a quad com-
parator with a common hysteresis adjustment and a ref-
erence output pin. The MAX970 is a quad comparator
without a reference and without hysteresis adjustment.
(See Functional Diagrams and Selector Guide.)
Comparator Input
The MAX965–MAX970 have a -0.25V to VCC input com-
mon-mode range. Both comparator inputs may operate
at any differential voltage within the common-mode
voltage range, and the comparator displays the correct
output logic state.
Low-Voltage Operation: VCC Down to 1V
The minimum operating voltage is 1.6V. As the supply
voltage falls below 1.6V, performance degrades
and supply current falls. The reference does not
MAX969/MAX970
FUNCTION
MAX969
SO
4
4
Comparator A Inverting Input
3
3
Positive Supply Voltage, +1.6V to +5.5V
2
2
Comparator A Open-Drain Output
1
1
Comparator B Open-Drain Output
8
Internal Reference Output. Typically 1.235V with respect to GND.
No Connection. Not internally connected.
7
7
Comparator B Noninverting Input
6
6
Comparator B Inverting Input
5
5
Comparator A Noninverting Input
MAX970
QSOP
4
3
2
1
8, 9
7
6
5
NAME
INA-
VCC
OUTA
OUTB
REF
N.C.
INB+
INB-
INA+
PIN
9
HYST
Hysteresis Input. Connect to REF if not used. Input voltage range is
from (VREF - 50mV) to VREF.
10
8
10
INC-
Comparator C Inverting Input
11
9
11
INC+
Comparator C Noninverting Input
12
10
12
IND-
Comparator D Inverting Input
13
11
13
IND+
Comparator D Noninverting Input
14
12
14
GND
Ground
15
13
15
OUTD
Comparator D Open-Drain Output
16
14
16
OUTC
Comparator C Open-Drain Output


Similar Part No. - MAX969EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9690CJA MAXIM-MAX9690CJA Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9690CPA-4 MAXIM-MAX9690CPA-4 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9690CSA MAXIM-MAX9690CSA Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9690EPA MAXIM-MAX9690EPA Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
More results

Similar Description - MAX969EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
[Old version datasheet]   LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com