Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9685CJE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9685CJE
Description  Ultra-Fast ECL-Output Comparator with Latch Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9685CJE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9685CJE Datasheet HTML 1Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 2Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 3Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 4Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 5Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 6Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 7Page - Maxim Integrated Products MAX9685CJE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ultra-Fast ECL-Output Comparator
with Latch Enable
2
_______________________________________________________________________________________
Supply Voltages.....................................................................±6V
Output Short-Circuit Duration .......................................Indefinite
Input Voltages........................................................................±5V
Differential Input Voltages .....................................................7.0V
Output Current ....................................................................30mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
TO-100 (derate 6.67mW/°C above +70°C) ..................533mW
Operating Temperature Ranges
MAX9685C_ _ .....................................................0°C to +70°C
MAX9685E_ _ ..................................................-40°C to +85°C
MAX9685M_ _................................................-55°C to +125°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
UNITS
Common-Mode
Rejection Ratio
CMRR
80
dB
Input Voltage Range
VCM
-2.5
+2.5
V
Input Bias Current
IB
10
20
µA
Input Offset Current
IOS
5
µA
Power-Supply
Rejection Ratio
PSRR
60
dB
Input Resistance
RIN
60
k
CIN
3
pF
Input Offset Voltage
VOS
-5
5
mV
Temperature Coefficient
∆VOS/∆T
10
µV/°C
CONDITIONS
(Note 1)
TA = +25°C
TA = +25°C
(Note 1)
RS =100Ω
80
-2.5
+2.5
10
20
5
60
60
3
-5
5
15
MAX9685C/E
MIN
TYP
MAX
MAX9685M
MIN
TYP
MAX
TA = +25°C
-1.05
-0.87
-1.16
-0.89
-0.89
-0.70
0.88
-0.69
-0.96
-0.81
-0.96
-0.81
-1.14
-0.88
-0.88
-0.70
Logic Output High
Voltage
-0.96
-0.81
-1.89
-1.69
-1.90
-1.65
-1.83
-1.57
-1.82
-1.55
-1.85
-1.65
-1.85
-1.65
-1.90
-1.65
-1.83
-1.57
MAX9685E
-1.85
-1.65
TA = +25°C
16
22
16
22
TA = TMIN to TMAX
24
25
mA
TA = +25°C
20
32
20
32
TA = TMIN to TMAX
36
36
mA
-8
8
-7
7
TA = TMIN to TMAX
TA = TMIN to TMAX
8
12
TA = TMIN to TMAX
30
40
Input Capacitance
VOH
Logic Output Low
Voltage
VOL
Positive Supply Current
ICC
Negative Supply
Current
IEE
TA = TMIN
TA = TMAX
TA = +25°C
TA = TMIN
TA = TMAX
TA = +25°C
MAX9685C,
MAX9685M
MAX9685E
TA = TMIN
TA = TMAX
TA = +25°C
TA = TMIN
TA = TMAX
TA = +25°C
MAX9685C,
MAX9685M
V
V
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +5V, V- = -5.2V, RL = 50Ω, VT = -2V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9685CJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX968 MAXIM-MAX968 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
MAX9680 MAXIM-MAX9680 Datasheet
889Kb / 4P
   Fully Assembled and Tested
Rev 0; 9/09
MAX9680AXT MAXIM-MAX9680AXT Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
More results

Similar Description - MAX9685CJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
SG Micro Corp
SGM8703 SGMICRO-SGM8703 Datasheet
337Kb / 15P
   Push-Pull Output Comparator with Latch Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com