Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX951ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX951ESA
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX951ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX951ESA Datasheet HTML 3Page - Maxim Integrated Products MAX951ESA Datasheet HTML 4Page - Maxim Integrated Products MAX951ESA Datasheet HTML 5Page - Maxim Integrated Products MAX951ESA Datasheet HTML 6Page - Maxim Integrated Products MAX951ESA Datasheet HTML 7Page - Maxim Integrated Products MAX951ESA Datasheet HTML 8Page - Maxim Integrated Products MAX951ESA Datasheet HTML 9Page - Maxim Integrated Products MAX951ESA Datasheet HTML 10Page - Maxim Integrated Products MAX951ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
_______________________________________________________________________________________
7
MAX951/MAX953 OP-AMP
SMALL-SIGNAL TRANSIENT RESPONSE
2.5V
NONINVERTING, AVCL = 1V/V, LOAD = 100kΩ || 100pF to VSS, VSUPPLY = 5V
100
µs/div
MAX951/MAX953 OP-AMP
LARGE-SIGNAL TRANSIENT RESPONSE
2.5V
NONINVERTING, AVCL = 1V/V, LOAD = 100kΩ || 100pF to VSS, VSUPPLY = 5V
200
µs/div
MAX952/MAX954 OP-AMP
SMALL-SIGNAL TRANSIENT RESPONSE
2.5V
NONINVERTING, AVCL = 10V/V, LOAD = 100kΩ || 100pF to VSS, VSUPPLY = 5V
100
µs/div
MAX952/MAX954 OP-AMP
LARGE-SIGNAL TRANSIENT RESPONSE
2.5V
NONINVERTING, AVCL = 10V/V, LOAD = 100kΩ || 100pF to VSS, VSUPPLY = 5V
100
µs/div
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
COMPARATOR RESPONSE TIME
FOR VARIOUS INPUT OVERDRIVES (FALLING)
0V
MAX953, LOAD = 100k
Ω || 100pF, VSUPPLY = 5V
0V
2
µs/div
100mV
50mV
20mV
10mV
COMPARATOR RESPONSE TIME
FOR VARIOUS INPUT OVERDRIVES (RISING)
0V
MAX953, LOAD = 100k
Ω || 100pF, VSUPPLY = 5V
0V
2
µs/div
100mV
50mV
20mV
10mV


Similar Part No. - MAX951ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9510 MAXIM-MAX9510 Datasheet
1Mb / 15P
   1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9510AUA+T MAXIM-MAX9510AUA+T Datasheet
1Mb / 15P
   1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9511 MAXIM-MAX9511 Datasheet
334Kb / 15P
   Complete VGA Interface with EMI Suppression
Rev 0; 4/05
MAX9511CEG MAXIM-MAX9511CEG Datasheet
334Kb / 15P
   Complete VGA Interface with EMI Suppression
Rev 0; 4/05
More results

Similar Description - MAX951ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com