Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX941EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX941EUA
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX941EUA Datasheet HTML 1Page - Maxim Integrated Products MAX941EUA Datasheet HTML 2Page - Maxim Integrated Products MAX941EUA Datasheet HTML 3Page - Maxim Integrated Products MAX941EUA Datasheet HTML 4Page - Maxim Integrated Products MAX941EUA Datasheet HTML 5Page - Maxim Integrated Products MAX941EUA Datasheet HTML 6Page - Maxim Integrated Products MAX941EUA Datasheet HTML 7Page - Maxim Integrated Products MAX941EUA Datasheet HTML 8Page - Maxim Integrated Products MAX941EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 2.7V to 6.0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C. See Note 14.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Ranges
Supply Voltage V+ to GND ................................................+7V
Differential Input Voltage ..........................-0.3V to (V+ + 0.3V)
Common-Mode Input Voltage ..................-0.3V to (V+ + 0.3V)
L
A
T
C
H
Input (MAX941 only) ....................-0.3V to (V+ + 0.3V)
S
H
D
N
Control Input (MAX941 only) .........-0.3V to (V+ + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)..800mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C)......727mW
Operating Temperature Ranges
MAX94_C_ _ .......................................................0°C to +70°C
MAX94_E_ _.....................................................-40°C to +85°C
MAX94_MJ _ ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX94_E/M
MAX94_C
(Note 1)
(Note 6)
ISINK = 4mA
ISINK = 400µA
VIN = VOS, VCM = 0V or V+
VIN = VOS, VCM = 0V or
VCM = V+ (Note 4)
ISOURCE = 4mA
ISOURCE = 400µA
CONDITIONS
µA
1
ILEAK
Output Leakage Current
V
0.3
0.4
VOL
Output Low Voltage
0.2
0.4
V
V+ - 0.4 V+ - 0.3
VOH
Output High Voltage
V+ - 0.4 V+ - 0.2
V
-0.2
V+ + 0.2
VCMR
V
2.7
6.0
V+
Positive Supply Voltage
Input Voltage Range
nA
10
100
IOS
Input Offset Current
nA
150
400
IB
Input Bias Current
150
300
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
1
3
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
TA = +25°C
VCM = 0V
or
VCM = V+
(Note 2)
mV
1
4
MAX941EUA/MAX942EUA
4
Input-Referred Trip
Points
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
TA = TMIN
to TMAX
VTRIP
mV
6
MAX941EUA/MAX942EUA
3
Input Offset Voltage
1
2
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
TA = +25°C
TA = TMIN
to TMAX
VOS
mV
5.5
MAX941EUA/MAX942EUA
VCM = 0V
or
VCM = V+
(Note 3)
mV
1
3
MAX941EUA/MAX942EUA
µV/V
80
300
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
(Note 5)
80
800
CMRR
Common-Mode Rejection
Ratio
MAX941EUA/MAX942EUA
µV/V
80
300
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
2.7V
≤ V+ ≤ 6.0V,
VCM = 0V
80
350
PSRR
Power-Supply Rejection
Ratio
MAX941EUA/MAX942EUA


Similar Part No. - MAX941EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941EUA-T MAXIM-MAX941EUA-T Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941EUA-T MAXIM-MAX941EUA-T Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
More results

Similar Description - MAX941EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com