Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9600EUP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9600EUP
Description  Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9600EUP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9600EUP Datasheet HTML 1Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 2Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 3Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 4Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 5Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 6Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 7Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 8Page - Maxim Integrated Products MAX9600EUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual ECL and Dual/Quad PECL, 500ps,
Ultra-High-Speed Comparators
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = -5.2V, VCM = 0V, HYS_ = open (MAX9600/MAX9601), LE_ = low, LE_ = high (MAX9600/MAX9601), CL = 5pF,
GND = 0V, RL = 50
Ω to -2V (MAX9600), VCCO_ = 5V, RL = 50Ω to 3V (MAX9601/MAX9602), TA = TMIN to TMAX. Typical values are at
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Tracking Frequency Toggle Rate
fMAX
VOUT = 550mVP-P, input overdrive = 100mV
4
Gbps
Minimum Pulse Width
tPW
VOUT = 550mVP-P, input overdrive = 100mV
250
ps
Propagation Delay
tPD-, tPD+ Input overdrive = 100mV, Figure 1, (Note 3)
500
700
ps
Propagation Delay Tempco
TCtPD
0.5
ps/
°C
Propagation Delay Skew
tPDSKEW
Input overdrive = 100mV (Note 4)
10
ps
Propagation Delay Match
Input overdrive = 100mV (Note 5)
40
ps
10mV to 100mV
15
Propagation Delay Dispersion
Overdrive
100mV to 2V
40
ps
Propagation Delay Dispersion
Common-Mode Voltage
(VEE + 3V)
≤ VCM ≤ (VCC - 2V)
10
Propagation Delay Dispersion
Input Slew Rate
0.2V/ns to 10V/ns
40
Propagation Delay Dispersion
Duty Cycle
10% to 90% at 250MHz
30
Propagation Delay Dispersion
Pulse Width
VIN = 1VP-P
input
overdrive =
100mV
350ps to 1ns
20
ps
Unit-to-Unit Propagation Delay
Match
Input overdrive = 100mV
50
ps
Output Jitter
VIN = 2VP-P; 50MHz
300
fs
Input Capacitance
CIN
IN_+ or IN_, with respect to GND
2
pF
Latch Setup Time
tLS
Figure 1, (Notes 3, 6)
250
80
ps
Latch Hold Time
tLH
Figure 1, (Notes 3, 6)
300
85
ps
Minimum Pulse Width
tLPW
Figure 1
250
ps
Latch to Output Delay
tLPD
Figure 1
200
ps
Rise Time and Fall Time
tR, tF
20% to 80%, Figure 1
200
ps
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Does not include output state current in Q_, Q_.
Note 3: Guaranteed by design.
Note 4: Propagation delay skew (tPDSKEW) is for a single channel and is the difference between the propagation delay to the high-
to-low output transition vs. the low-to-high output transition.
Note 5: Propagation delay match is the difference of tPD- or tPD+ of one channel to the tPD- or tPD+ of another channel of the same device.
Note 6: Latch setup and hold-timing specifications are for a differentially driven latch signal.


Similar Part No. - MAX9600EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9601 MAXIM-MAX9601 Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
MAX9601EVKIT++ MAXIM-MAX9601EVKIT+ Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
More results

Similar Description - MAX9600EUP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP561 AD-ADCMP561_15 Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP562 AD-ADCMP562_15 Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP563 AD-ADCMP563_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP564 AD-ADCMP564_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP563 AD-ADCMP563_05 Datasheet
279Kb / 16P
   Dual, High Speed ECL Comparators
REV. B
ADCMP563 AD-ADCMP563 Datasheet
326Kb / 16P
   Dual High Speed ECL Comparators
REV. A
logo
Diodes Incorporated
LM2901 DIODES-LM2901 Datasheet
752Kb / 18P
   DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com