Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX951 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX951
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX951 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX951 Datasheet HTML 1Page - Maxim Integrated Products MAX951 Datasheet HTML 2Page - Maxim Integrated Products MAX951 Datasheet HTML 3Page - Maxim Integrated Products MAX951 Datasheet HTML 4Page - Maxim Integrated Products MAX951 Datasheet HTML 5Page - Maxim Integrated Products MAX951 Datasheet HTML 6Page - Maxim Integrated Products MAX951 Datasheet HTML 7Page - Maxim Integrated Products MAX951 Datasheet HTML 8Page - Maxim Integrated Products MAX951 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
_______________________________________________________________________________________
5
0
2
3
5
7
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
2
8
SUPPLY VOLTAGE (V)
4
6
2.5
3.5
5.5
4.5
6.5
6
4
1
3
9
7
5
VCM OPAMP = 0V
AMPOUT = (VDD + VSS)/2
COMP- = 1.2V or REF
COMP+ = 1.1V
MAX953/MAX954
MAX951/MAX952
10
0
-60
-20
60
140
SUPPLY CURRENT
vs. TEMPERATURE
2
8
TEMPERATURE (°C)
20
100
-40
0
80
40
120
6
4
1
3
9
7
5
VDD = 2.8V (MAX951/2), VDD = 2.4V
(MAX953/4), VSS = 0V, VCM OPAMP = 0V
AMPOUT = 1/2 VDD, COMP- = 1.2V or REF
COMP+ = 1.1V
MAX951/MAX952
MAX953/MAX954
1.220
1.180
1.185
-60
-20
-40
60
40
140
120
REFERENCE VOLTAGE vs. TEMPERATURE
1.190
1.215
TEMPERATURE (°C)
20
0
100
80
1.205
1.210
1.195
1.200
VDD = 5V
1.30
1.10
1.12
1
10
100
REFERENCE OUTPUT VOLTAGE
vs. LOAD CURRENT
1.14
1.16
LOAD CURRENT (
µA)
1.18
1.20
1.22
1.24
1.26
1.28
VSUPPLY = 5V
SINKING CURRENT
SOURCING CURRENT
1x106
1x100
-60 -40 -20
0
20 40 60 80 100 120 140
DC OPEN-LOOP GAIN vs. TEMPERATURE
1x101
TEMPERATURE (°C)
1x102
1x103
1x105
1x104
VDD = 5V
1mHz INPUT SIGNAL
RL = 100kΩ
0
10
20
30
40
50
60
70
80
1x100 1x101 1x102 1x103 1x104 1x105 1x106
POWER-SUPPLY REJECTION
RATIO vs. FREQUENCY
FREQUENCY (Hz)
VDD = 2.0 to 3.0V, VSS = -2.5V
NONINVERTING
AMPIN+ = 0V
ACL = 1V/V (MAX951/2)
ACL = 10V/V (MAX953/4),
COMP- = 1.2V or REF
COMP+ = 1.1V from VSS
A
B
C
A: MAX951/952 REF
B: MAX951/953 OP AMP
C: MAX952/954 OP AMP
2
2.5 3
3.5
4 4.5 5
5.5 6 6.5 7
DC OPEN-LOOP GAIN vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1mHz INPUT SIGNAL
RL = 100kΩ
1x107
1x100
1x101
1x102
1x103
1x106
1x105
1x104
100
-20
1
10
100
1k
10k
100k
1M
MAX951/MAX953 OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
0
FREQUENCY (Hz)
20
40
60
80
0
-360
-300
-240
-180
-120
-60
GAIN
RL = 100kΩ
PHASE
100
-40
1
10
100
1k
10k
100k
1M
MAX952/MAX954 OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
-20
FREQUENCY (Hz)
0
20
40
80
60
RL = 100kΩ
GAIN
PHASE
0
-360
-300
-240
-180
-120
-60
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9510 MAXIM-MAX9510 Datasheet
1Mb / 15P
   1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9510AUA+T MAXIM-MAX9510AUA+T Datasheet
1Mb / 15P
   1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9511 MAXIM-MAX9511 Datasheet
334Kb / 15P
   Complete VGA Interface with EMI Suppression
Rev 0; 4/05
MAX9511CEG MAXIM-MAX9511CEG Datasheet
334Kb / 15P
   Complete VGA Interface with EMI Suppression
Rev 0; 4/05
More results

Similar Description - MAX951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
   Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com