Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX922CSA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX922CSA
Description  Ultra Low-Power, Single/Dual-Supply Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX922CSA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX922CSA Datasheet HTML 7Page - Maxim Integrated Products MAX922CSA Datasheet HTML 8Page - Maxim Integrated Products MAX922CSA Datasheet HTML 9Page - Maxim Integrated Products MAX922CSA Datasheet HTML 10Page - Maxim Integrated Products MAX922CSA Datasheet HTML 11Page - Maxim Integrated Products MAX922CSA Datasheet HTML 12Page - Maxim Integrated Products MAX922CSA Datasheet HTML 13Page - Maxim Integrated Products MAX922CSA Datasheet HTML 14Page - Maxim Integrated Products MAX922CSA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
6. Verify the threshold voltages with these formulas:
Board Layout and Bypassing
Power-supply bypass capacitors are not needed if the
supply impedance is low, but 100nF bypass capacitors
should be used when the supply impedance is high or
when the supply leads are long. Minimize signal lead
lengths to reduce stray capacitance between the input
and output that might cause instability. Do not bypass
the reference output.
_______________Typical Applications
Auto-Off Power Source
Figure 5 shows the schematic for a 40mA power supply
that has a timed auto power-off function.
The
comparator output is the switched power-supply
output. With a 10mA load, it typically provides a
voltage of (VBATT – 0.12V), but draws only 3.5µA
quiescent current. This circuit takes advantage of the
four key features of the MAX921: 2.5µA supply current,
an internal reference, hysteresis, and high current
output. Using the component values shown, the three-
resistor voltage divider programs the maximum ±50mV
of hysteresis and sets the IN- voltage at 100mV. This
gives an IN+ trip threshold of approximately 50mV for
IN+ falling.
The RC time constant determines the maximum power-
on time of the OUT pin before power-down occurs.
This period can be approximated by:
R x C x 4.6sec
For example: 2M
Ω x 10µF x 4.6 = 92sec. The actual
time will vary with both the leakage current of the
capacitor and the voltage applied to the circuit.
Window Detector
The MAX923 is ideal for making window detectors
(undervoltage/overvoltage detectors). The schematic
is shown in Figure 6, with component values selected
for an 4.5V undervoltage threshold, and a 5.5V
overvoltage threshold. Choose different thresholds by
changing the values of R1, R2, and R3. To prevent
chatter at the output when the supply voltage is close
to a threshold, hysteresis has been added using R4
and R5. OUTA provides an active-low undervoltage
indication, and OUTB gives an active-low overvoltage
indication. ANDing the two outputs provides an active-
high, power-good signal.
The design procedure is as follows:
1. Choose the required hysteresis level and calculate
values for R4 and R5 according to the formulas in
the
Hysteresis (MAX921/MAX923) section. In this
example, ±5mV of hysteresis has been added
at the
comparator input (VH = VHB/2). This means that the
hysteresis apparent at VIN will be larger because of
the input resistor divider.
V
rising :
V
V
R1
1
R1
1
R2
1
R3
V
falling :
V
V
R1
V
R3
IN
THR
REF
IN
THF
THR
×
+
+


=−
×+
()
Ultra Low-Power,
Single/Dual-Supply Comparators
______________________________________________________________________________________
11
MAX921
OUT
IN-
HYST
REF
V-
GND
IN+
V+
VBATT -0.15V
10mA
21
4
5
6
8
3
100k
1.1M
47k
4.5V TO 6.0V
MOMENTARY
SWITCH
7
R
C
Figure 5. Auto-off power switch operates on 2.5µA quiescent
current.


Similar Part No. - MAX922CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX922CSA MAXIM-MAX922CSA Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
More results

Similar Description - MAX922CSA

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
   Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
   Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Touchstone Semiconducto...
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
   Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com