Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33178 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC33178
Description  LOW POWER OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC33178 Datasheet(HTML) 4 Page - Unisonic Technologies

  MC33178 Datasheet HTML 1Page - Unisonic Technologies MC33178 Datasheet HTML 2Page - Unisonic Technologies MC33178 Datasheet HTML 3Page - Unisonic Technologies MC33178 Datasheet HTML 4Page - Unisonic Technologies MC33178 Datasheet HTML 5Page - Unisonic Technologies MC33178 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC33178
Preliminary
BIPOLAR IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-050.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (VCC to VEE)
VS
+36
V
Input Differential Voltage Range
VIDR
(Note 2)
V
Input Voltage Range
VIR
(Note 2)
V
Output Short Circuit Duration (Note 3)
tSC
Indefinite
sec
Maximum Power Dissipation
PD
(Note 3)
mW
Maximum Junction Temperature
TJ
+150
°C
Operating Temperature Range
TOPR
-40 ~ 85
°C
Storage Temperature
TSTG
-60~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Either or both input voltages must not exceed the magnitude of VCC or VEE.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
DC ELECTRICAL CHARACTERISTICS (VCC=+15 V, VEE=-15 V, TA=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Offset Voltage
|VIO|
RS=50Ω, VCM=0V, VO=0V
VCC=+2.5V, VEE=-2.5V ~ VCC=+15V, VEE=-15V
0.15
3.0
mV
Average Temperature
Coefficient of Input Offset
Voltage
∆VIO/∆T RS=50Ω, VCM=0V, VO=0V, TA=-40°C~+85°C
2.0
µV/°C
Input Bias Current
IIB
VCM=0V, VO=0V
100
500
nA
Input Offset Current
|IIO|
VCM=0V, VO=0V
5.0
50
nA
Common Mode Input Voltage
Range
VICR
∆VIO=5.0mV, VO=0V
+
13
+
14
-14
-13
V
Large Signal Voltage Gain
AVOL
VO=-10V~+10V, RL=600Ω
50k
200k
V/V
Output Voltage Swing
VO+
VID=±1.0V
VCC=+15V,
VEE=-15V
RL=300Ω
+12
V
VO-
RL=300Ω
-12
V
VO+
RL=600Ω
+12 +13.6
V
VO-
RL=600Ω
-13
-12
V
VO+
RL=2.0kΩ
+13
+14
V
VO-
RL=2.0kΩ
-13.8
-13
V
VOL
VCC=+2.5V,
VEE=-2.5V
RL=600Ω
1.1
1.6
V
VOH
RL=600Ω
-1.6
-1.1
V
Common Mode Rejection
CMR
Vin=±13V
80
110
dB
Power Supply Rejection
PSR
VCC/VEE=+15V/-15V, +5.0V/-15V, +15V/-5.0V
80
110
dB
Output Short Circuit Current
ISC
VID=1.0V,
Output to
Ground
Source (VCC=2.5V~15V)
+50
+80
mA
Sink (VEE=-2.5V~ -15V)
-100
-50
mA
Power Supply Current (Dual)
ID
VO=0V
VCC=2.5V, VEE=-2.5V ~
VCC=+15V, VEE=-15V
1.4
mA


Similar Part No. - MC33178

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33178 ONSEMI-MC33178 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
List of Unclassifed Man...
MC33178 ETC1-MC33178 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33178 ETC2-MC33178 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
MC33178 ETC2-MC33178 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
More results

Similar Description - MC33178

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171_15 Datasheet
175Kb / 15P
   Low Power Operational Amplifiers
May, 2015 ??Rev. 13
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com