Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV358G-K08-2030-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LV358G-K08-2030-R
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV358G-K08-2030-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LV358G-K08-2030-R Datasheet HTML 3Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 4Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 5Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 6Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 7Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 8Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 9Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 10Page - Unisonic Technologies LV358G-K08-2030-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LV358
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-316.D
TYPICAL CHARACTERISTICS(Cont.)
-3
2
1.0
-1.0
-1.5
-0.5
0.5
1.5
0.0
ΔVOS vs CMR
Input Common Mode Voltage Range,
VCM (V)
0.8
0.4
-0.4
-0.6
0.2
0.6
-0.2
-0.8
0
1
-1
-1
0
1
3
-2
VSS = ±1.35V
1.0
-1.0
0.0
0.8
0.4
-0.4
-0.6
0.2
0.6
-0.2
-0.8
VSS = ±2.5V
ΔVOS vs CMR
Gain and Phase vs. Capacitive Load
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С,CL=0
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С,CL=100pF
Gain and Phase vs. Capacitive Load
Gain and Phase vs. Capacitive Load
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С, CL=500pF
Frequency(Hz)
-20
-10
0
10
20
30
40
50
10k
100k
1M
10M
-40
-20
0
20
40
60
80
100
GAIN
PHASE
Vs=+5V, RL=600Ω, single
supply, TA=25°С, CL=1000pF
Gain and Phase vs. Capacitive Load
Input Common Mode Voltage Range,
VCM (V)


Similar Part No. - LV358G-K08-2030-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358G-K08-2030-R UTC-LV358G-K08-2030-R Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LV358G-K08-2030-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
   OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com