Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX931CPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX931CPA
Description  Ultra Low-Power, Low-Cost Comparators with 2eference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX931CPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX931CPA Datasheet HTML 1Page - Maxim Integrated Products MAX931CPA Datasheet HTML 2Page - Maxim Integrated Products MAX931CPA Datasheet HTML 3Page - Maxim Integrated Products MAX931CPA Datasheet HTML 4Page - Maxim Integrated Products MAX931CPA Datasheet HTML 5Page - Maxim Integrated Products MAX931CPA Datasheet HTML 6Page - Maxim Integrated Products MAX931CPA Datasheet HTML 7Page - Maxim Integrated Products MAX931CPA Datasheet HTML 8Page - Maxim Integrated Products MAX931CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ultra Low-Power, Low-Cost
Comparators with 2% Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
V+ to V-, V+ to GND, GND to V-................................-0.3V, +12V
Inputs
Current, IN_+, IN_-, HYST...............................................20mA
Voltage, IN_+, IN_-, HYST................(V+ + 0.3V) to (V- – 0.3V)
Outputs
Current, REF....................................................................20mA
Current, OUT_ .................................................................50mA
Voltage, REF ....................................(V+ + 0.3V) to (V- – 0.3V)
Voltage, OUT_ (MAX931/934) .....(V+ + 0.3V) to (GND – 0.3V)
Voltage, OUT_ (MAX932/933)..........(V+ + 0.3V) to (V- – 0.3V)
OUT_ Short-Circuit Duration (V+
≤ 5.5V) ...............Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)..842mW
16-Pin SO (derate 8.70mW/°C above +70°C) ................696mW
Operating Temperature Ranges:
MAX93_C_ _ .......................................................0°C to +70°C
MAX93_E_ _.....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—5V Operation
(V+ = 5V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MAX933,
HYST = REF
MIN
TYP
MAX
UNITS
MAX934
V
V-
V+ – 1.3
MAX931,
HYST = REF
5.5
6.5
Supply Current
IN+ = IN- + 100mV
µA
Supply Voltage Range
TA = +25°C, 100pF load
2.5
11
V
MAX932,
HYST = REF
2.5
3.2
Input Offset Voltage
CONDITIONS
±10
mV
TA = +25°C
nA
Input Leakage Current (IN-, IN+)
(Note 1)
±0.01
±5
Input Leakage Current (HYST)
TA = +25°C
±0.02
nA
Input Common-Mode Voltage Range
VCM = 2.5V
Common-Mode Rejection Ratio
IN+ = IN- = 2.5V, C/E temp. ranges
MAX931, MAX932, MAX933
0.1
1.0
mV/V
Power-Supply Rejection Ratio
V- to (V+ – 1.3V)
V+ = 2.5V to 11V
100Hz to 100kHz
0.1
1.0
mV/V
Voltage Noise
MAX931, MAX932, MAX933
Overdrive = 10mV
Overdrive = 100mV
20
µVRMS
Hysteresis Input Voltage Range
REF – 0.05
REF
V
TA = +25°C
12
µs
Response Time
TA = +25°C
4
3.1
4.5
3.1
4.5
C/E temp. ranges
4
C/E temp. ranges
6
C/E temp. ranges
6
C/E temp. ranges
8.5
POWER REQUIREMENTS
COMPARATOR


Similar Part No. - MAX931CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311ECJ MAXIM-MAX9311ECJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9311EGJ MAXIM-MAX9311EGJ Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results

Similar Description - MAX931CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Touchstone Semiconducto...
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Silicon Laboratories
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
   Ultra Low-Power Single/Dual-Supply Comparators with Reference
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
   Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
   Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com