Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9316AEWP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9316AEWP
Description  1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9316AEWP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9316AEWP Datasheet HTML 3Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 4Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 5Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 6Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 7Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 8Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 9Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 10Page - Maxim Integrated Products MAX9316AEWP Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1:5 Differential (LV)PECL/(LV)ECL/
HSTL Clock and Data Driver
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
PACKAGE OUTLINE, .300" SOIC
1
1
21-0042
B
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
TOP VIEW
FRONT VIEW
MAX
0.012
0.104
0.019
0.299
0.013
INCHES
0.291
0.009
E
C
DIM
0.014
0.004
B
A1
MIN
0.093
A
0.23
7.40
7.60
0.32
MILLIMETERS
0.10
0.35
2.35
MIN
0.49
0.30
MAX
2.65
0.050
0.016
L
0.40
1.27
0.512
0.496
D
D
MIN
DIM
D
INCHES
MAX
12.60
13.00
MILLIMETERS
MIN
MAX
20
AC
0.447
0.463
AB
11.75
11.35
18
0.398
0.413
AA
10.50
10.10
16
N
MS013
SIDE VIEW
H
0.419
0.394
10.00
10.65
e
0.050
1.27
D
0.614
0.598
15.20
24
15.60
AD
D
0.713
0.697
17.70
28
18.10
AE
H
E
N
D
A1
B
e
A
0-8
C
L
1
VARIATIONS:
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX9316AEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316EUP MAXIM-MAX9316EUP Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
More results

Similar Description - MAX9316AEWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com