Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM224 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM224
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM224 Datasheet(HTML) 1 Page - Unisonic Technologies

  LM224_15 Datasheet HTML 1Page - Unisonic Technologies LM224_15 Datasheet HTML 2Page - Unisonic Technologies LM224_15 Datasheet HTML 3Page - Unisonic Technologies LM224_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
LM224
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R105-023.B
QUADRUPLE OPERATIONAL
AMPLIFIERS
DESCRIPTION
UTC LM224 consist of four independent, high-gain, frequency-
compensated operational amplifiers which are designed to operate
from a single power supply over a wide range of voltage. Operation
from split supplies is also possible so long as the difference
between the two supplies is 3V ~ 30V. The low supply current drain
is independent of the magnitude of the supply voltage.
The device can easily be implemented in single supply voltage
system, including transducer amplifiers, DC gain blocks, and all of
conventional OP Amp circuits.
FEATURES
* Wide Supply Voltage Range. (Single Supply: 3~30V)
* Low Supply Current Drain Independent of Supply Voltage: 0.8 mA
Typ
* Large DC voltage gain: 100dB
* Input Common-Mode Voltage Range Includes Ground.
* Low Input Bias and Offset Parameters
* Differential Input Voltage Range Equal to Maximum Rated Supply
Voltage: 32V
* Open-Loop Differential Voltage Amplification: 100 V/mV Typ
* Internal Frequency Compensation for Unity Gain
SOP-14
TSSOP-14
DIP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen-Free
LM224L-D14-T
LM224G-D14-T
DIP-14
Tube
-
LM224G-S14-R
SOP-14
Tape Reel
-
LM224G-P14-R
TSSOP-14
Tape Reel
MARKING
DIP-14
SOP-14 / TSSOP-14


Similar Part No. - LM224_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM224-D14-T UTC-LM224-D14-T Datasheet
100Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM224-LM324 STMICROELECTRONICS-LM224-LM324 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Texas Instruments
LM224-N TI1-LM224-N Datasheet
2Mb / 34P
[Old version datasheet]   Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
logo
Unisonic Technologies
LM224-P14-R UTC-LM224-P14-R Datasheet
100Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
LM224-P14-T UTC-LM224-P14-T Datasheet
100Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
More results

Similar Description - LM224_15

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com