Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX912D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX912D
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX912D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX912D Datasheet HTML 1Page - Maxim Integrated Products MAX912D Datasheet HTML 2Page - Maxim Integrated Products MAX912D Datasheet HTML 3Page - Maxim Integrated Products MAX912D Datasheet HTML 4Page - Maxim Integrated Products MAX912D Datasheet HTML 5Page - Maxim Integrated Products MAX912D Datasheet HTML 6Page - Maxim Integrated Products MAX912D Datasheet HTML 7Page - Maxim Integrated Products MAX912D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(V+ = 5V, V- = -5V, VLE = 0V, CL = 15pF, TA = +25°C, unless otherwise noted.)
PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
6
-55
-15
25
105 125
65
7
8
9
10
11
Q OUTPUT
tPD(-)
Q OUTPUT
tPD(-)
Q OUTPUT
tPD(+)
Q OUTPUT
tPD(+)
VOD = 10mV
POSITIVE SUPPLY CURRENT
(PER COMPARATOR)
vs. POSTIVE SUPPLY VOLTAGE
2
4
6
8
10
345
67
V+ (V)
TA = +125°C
TA = +25°C
TA = -55°C
V- = 0V TO -5V
NEGATIVE SUPPLY CURRENT
(PER COMPARATOR)
vs. NEGATIVE SUPPLY VOLTAGE
V- (V)
0.2
0
12
3
4
5
6
7
0.4
0.6
0.8
1.0
1.2
TA = +125°C
TA = +25°C
TA = -55°C
OFFSET VOLTAGE
vs. TEMPERATURE
0
-55
TEMPERATURE (°C)
-15
25
65
105 125
200
400
800
1000
600
INPUT BIAS CURRENT
vs. TEMPERATURE
2
TEMPERATURE (°C)
-55
-15
25
65
105 125
3
4
5
6
VCM = -5.2V
VCM = 0V
VCM = +3.5V
OUTPUT VOLTAGE
vs. DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mV)
0
-3
-2
-1
1
2
3
0
1
2
3
4
5
TA = +125°C
TA = +25°C
TA = -55°C


Similar Part No. - MAX912D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9120EXK MAXIM-MAX9120EXK Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
More results

Similar Description - MAX912D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
logo
Texas Instruments
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3016 TI-TL3016 Datasheet
199Kb / 12P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
   SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
MAX9686 MAXIM-MAX9686 Datasheet
1Mb / 4P
   Single/Dual Very Fast TTL Output Comparators
1989
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
   25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com