Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3751MR2D-SB Datasheet(PDF) 3 Page - HB Electronic Components

Part # 3751MR2D-SB
Description  Single color
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

3751MR2D-SB Datasheet(HTML) 3 Page - HB Electronic Components

  3751MR2D-SB Datasheet HTML 1Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 2Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 3Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 4Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 5Page - HB Electronic Components 3751MR2D-SB Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:3751MR2D-SB
www.ledz.com
3/6
LED SPECIFICATION
Typical electrical/optical characteristic curves/光电特性曲线:
Ambient Temperature TA ()
Fig4. 相对亮度 Vs环境温度
Fig3. 正向电流 Vs环境温度
50
40
Fig1. 正向电流 Vs正向电压
2.7
2.5
2.3
2.1
30
20
10
1.9
1.7
0
Forward Voltage(V)
2.5
2.0
Fig2. 相对亮度 Vs正向电流
1.5
1.0
0.5
0
IF-Forward Current (mA)
2.5
2.0
50
40
30
10
20
0
1.5
1.0
0.5
0
60
80
100
-40
-20
0
20
40
50
30
20
100
80
60
10
20
40
0
0
Ambient Temperature TA ()
40
Fig5. 相对亮度VS波长
750
450
500
600
550
650
700
75
25
50
0
Wavelength λ(nm)
100


Similar Part No. - 3751MR2D-SB

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
3751MR2D HB-3751MR2D Datasheet
330Kb / 3P
   LED
More results

Similar Description - 3751MR2D-SB

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
530PWC HB-530PWC Datasheet
1Mb / 11P
   Single color
530XR2C HB-530XR2C Datasheet
67Kb / 3P
   Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
   Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
   Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
   Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
   Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
   Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
   Single color
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
   Single color
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
   Single color
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com