Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9164ESD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9164ESD
Description  3.3V Single LVDS Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9164ESD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9164ESD Datasheet HTML 1Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 2Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 3Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 4Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 5Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 6Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 7Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 8Page - Maxim Integrated Products MAX9164ESD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX9164 high-speed LVDS driver/receiver is
designed specifically for low-power point-to-point appli-
cations. The MAX9164 operates from a single 3.3V
power supply, and is pin compatible with DS90LV019.
The device features an independent differential driver
and receiver.
The MAX9164 driver output uses a current-steering
configuration to generate a 3.1mA drive current. The
driver accepts a single-ended input and translates it to
LVDS signals at speeds up to 200Mbps over con-
trolled-impedance media of approximately 100
Ω. The
transmission media may be printed circuit board traces
or cables. The enable logic input, DE, is used to enable
or disable the driver.
The MAX9164 receiver detects a differential input as
low as 100mV and translates it to single-ended output
at speeds up to 200Mbps. The enable logic input, RE,
is used to enable or disable the receiver.
Inputs and outputs conform to the ANSI TIA/EIA-644
LVDS standard. The MAX9164 is offered in 14-lead SO
and TSSOP packages, and is specified for operation
from -40°C to +85°C.
Applications
Cell-Phone Base Stations
Network Switches/Routers
Add/Drop Muxes
Backplane Interconnect
Digital Cross-Connects
Clock Distribution
DSLAMs
Features
o 3.3V Operation
o 35% Lower Power than DS90LV019
o 200Mbps Data Signaling Rate
o ±1V Common-Mode Range
o ±100mV Receiver Sensitivity
o Flow-Through Pinout
o Receiver Output High for Open Input
3.3V Single LVDS Driver/Receiver
________________________________________________________________ Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
N.C.
DO+
DO-
ROUT
N.C.
DIN
DE
TOP VIEW
MAX9164
RI+
RI-
RE
GND
N.C.
N.C.
SO/TSSOP
Pin Configuration
Ordering Information
MAX9164
DIN
ROUT
RE
DIN
DE
DO+
DO-
100
RI+
RI-
X: High or low
Z: High impedance
INPUTS
DE
H
H
H
L
DIN
L (
≤ 0.8V)
H (
≥ 2.0V)
(> 0.8V and < 2.0V)
X
DO+
L
H
Undefined
Z
DO-
H
L
Undefined
Z
TABLE 1. DRIVER FUNCTION TABLE
OUTPUTS
RI+
100
RI-
DO+
DO-
DE
ROUT
RE
MAX9164
X: High or low
Z: High impedance
INPUTS
RE
L
L
L
L
H
RI+ - RI-
L (
≤ -100mV)
H(
≥ 100mV)
(> -100mV and < 100mV)
Open
X
ROUT
L
H
Undefined
H
Z
TABLE 2. RECEIVER FUNCTION TABLE
OUTPUT
Typical Application Circuit
19-2738; Rev 0; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9164ESD
-40°C to +85°C
14 SO
MAX9164EUD
-40°C to +85°C
14 TSSOP


Similar Part No. - MAX9164ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9160 MAXIM-MAX9160 Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160AEUI MAXIM-MAX9160AEUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160EUI MAXIM-MAX9160EUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9163ESA MAXIM-MAX9163ESA Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
More results

Similar Description - MAX9164ESD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV019 NSC-DS90LV019 Datasheet
166Kb / 10P
   3.3V or 5V LVDS Driver/Receiver
logo
Texas Instruments
DS90LV019TMX TI-DS90LV019TMX Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
Texas Instruments
DS90LV019TMTCX TI-DS90LV019TMTCX Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com