Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9164 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9164
Description  3.3V Single LVDS Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9164 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9164 Datasheet HTML 2Page - Maxim Integrated Products MAX9164 Datasheet HTML 3Page - Maxim Integrated Products MAX9164 Datasheet HTML 4Page - Maxim Integrated Products MAX9164 Datasheet HTML 5Page - Maxim Integrated Products MAX9164 Datasheet HTML 6Page - Maxim Integrated Products MAX9164 Datasheet HTML 7Page - Maxim Integrated Products MAX9164 Datasheet HTML 8Page - Maxim Integrated Products MAX9164 Datasheet HTML 9Page - Maxim Integrated Products MAX9164 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3.3V Single LVDS Driver/Receiver
_______________________________________________________________________________________
7
PULSE
GENERATOR
DIN
50
CL
RL
CL
DO-
DO+
20%
20%
80%
80%
0V (DIFFERENTIAL)
tTLHD
tTHLD
DO+ - DO-
1.5V
1.5V
3V
0V
tPLHD
tPHLD
DIN
0V
VOD
VOD
VOD
DO-
DO+
Figure 2. Driver Differential Propagation Delay and Transition
Time Test Circuit and Waveforms
PULSE
GENERATOR
DE
DIN
50
CL
CL
DO-
DO+
RL/2
RL/2
1.2V
50%
50%
50%
50%
tPHZ
tPZH
tPZL
tPLZ
1.5V
1.5V
0V
1.2V
1.2V
3V
DE
VOH
DO- (DIN = L)
DO+ (DIN = H)
DO- (DIN = H)
DO+ (DIN = L)
VOL
2.0V
0.8V
Figure 3. Driver High-Impedance Delay Test Circuit and
Waveforms
PULSE
GENERATOR
ROUT
RI+
RI-
50
50
CL
20%
20%
1.5V
1.5V
80%
80%
VOH
VOL
tTLH
tTHL
ROUT
0V DIFF
VCM = 1.2V
1.3V
1.1V
VID
RI-
RI+
tPLH
tPHL
Figure 4. Receiver Propagation Delay and Transition Time Test
Circuit and Waveforms
PULSE
GENERATOR
50
CL
RI+
RE
RI-
VCC
ROUT
500
50%
VOL + 0.5V
VOH - 0.5V
VOH
50%
tPHZ
tPZH
tPZL
tPLZ
1.5V
1.5V
0V
GND
VCC
VOL
3V
RE
ROUT
ROUT
VCC WHEN ROUT IS LOW,
GND WHEN ROUT IS HIGH.
Figure 5. Receiver High-Impedance Delay Test Circuit and
Waveforms


Similar Part No. - MAX9164

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9160 MAXIM-MAX9160 Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160AEUI MAXIM-MAX9160AEUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9160EUI MAXIM-MAX9160EUI Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
MAX9163 MAXIM-MAX9163 Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
MAX9163ESA MAXIM-MAX9163ESA Datasheet
206Kb / 11P
   Bus LVDS 3.3V Single Transceiver
19-2689; Rev 0; 1/03
More results

Similar Description - MAX9164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV019 NSC-DS90LV019 Datasheet
166Kb / 10P
   3.3V or 5V LVDS Driver/Receiver
logo
Texas Instruments
DS90LV019TMX TI-DS90LV019TMX Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
Texas Instruments
DS90LV019TMTCX TI-DS90LV019TMTCX Datasheet
177Kb / 12P
[Old version datasheet]   DS90LV019 3.3V or 5V LVDS Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com