Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMCM440VNE Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMCM440VNE
Description  12 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCM440VNE Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMCM440VNE_15 Datasheet HTML 3Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 4Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 5Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 6Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 7Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 8Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 9Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 10Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
PMCM440VNE
12 V, N-channel Trench MOSFET
PMCM440VNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 April 2015
7 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Source-drain diode
VSD
source-drain voltage
IS = 1.1 A; VGS = 0 V; Tj = 25 °C
-
0.7
1.2
V
VDS (V)
0
4
3
1
2
aaa-017572
8
10
6
4
2
12
14
ID
(A)
0
1.6 V
1.4 V
1.8 V
4.5 V 2.5 V
VGS = 1.2 V
Tj = 25 °C
Fig. 7. Output characteristics: drain current as a
function of drain-source voltage; typical values
aaa-017573
10-4
10-5
10-3
ID
(A)
10-6
VGS (V)
0
1.0
0.8
0.4
0.6
0.2
(1)
(3)
(2)
Tj = 25 °C; VDS = 5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig. 8. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
14
10
2
12
8
4
0
6
aaa-017574
0.10
0.05
0.15
0.20
RDSon
0
1.6 V
1.4 V
1.8 V
2.5 V
VGS = 4.5 V
1.2 V
Tj = 25 °C
Fig. 9. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
5
4
2
3
1
aaa-017575
0.10
0.05
0.15
0.20
RDSon
0
Tj = 150 °C
Tj = 25 °C
ID = 3.4 A
Fig. 10. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
More results

Similar Description - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
   12 V, N-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
   12 V, N-channel Trench MOSFET
6 August 2020
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE NXP-PMXB40UNE Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
   12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
   12 V, N-channel Trench MOSFET
26 August 2015
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com