Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD18VF1BL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD18VF1BL
Description  Ultra low capacitance bidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD18VF1BL Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD18VF1BL_15 Datasheet HTML 1Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 2Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 3Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 4Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 5Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 6Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 7Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 8Page - NXP Semiconductors PESD18VF1BL_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PESD18VF1BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 2 September 2013
3 of 11
NXP Semiconductors
PESD18VF1BL
Ultra low capacitance bidirectional ESD protection diode
9. Characteristics
[1]
Measured from pin 1 to pin 2.
[2]
Non-repetitive current pulse, Transmission Line Pulse (TLP) tp = 100 ns; square pulse; ANSI / ESD STM5.1-2008.
Fig 1. 8/20 µs pulse waveform according to
IEC 61000-4-5 and IEC 61643-321
Fig 2. ESD pulse waveform according to
IEC 61000-4-2
t (
μs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 μs
50 % IPP; 20 μs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
--18
V
IRM
reverse leakage
current
VR = 18 V
-
1
30
nA
VCL
clamping voltage
IPP =1A; tp = 8/20 µs; IEC 61000-4-5;
IEC 61643-321
[1]
--17
V
VBR
breakdown voltage
IR = 10 mA
192224V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
0.28
0.35
0.5
pF
Rdyn
dynamic resistance
IR = 10 A
[2]
-0.8
-


Similar Part No. - PESD18VF1BL_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD18VF1BL-Q NEXPERIA-PESD18VF1BL-Q Datasheet
308Kb / 10P
   Ultra low capacitance bidirectional ESD protection diode
18 January 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results

Similar Description - PESD18VF1BL_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 June 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com